Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBHM120L-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBHM120L-G
Description  Low VF SMD Schottky Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHM120L-G Datasheet(HTML) 4 Page - Comchip Technology

  CDBHM120L-G Datasheet HTML 1Page - Comchip Technology CDBHM120L-G Datasheet HTML 2Page - Comchip Technology CDBHM120L-G Datasheet HTML 3Page - Comchip Technology CDBHM120L-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-BL014
Comchip Technology CO., LTD.
Page 4
REV: B
Suggested PAD Layout
SIZE
(inch)
0.130
(mm)
3.30
0.90
1.84
0.035
0.072
6.00
0.236
B
C
D
A
Part Number
CDBHM120L-G
Marking Code
MBSK12S
Marking Code
CDBHM140L-G
MBSK14S
xx/xxx = Product type marking code
MBS
D
A
C
B
CDBHM160L-G
CDBHM180L-G
MBSK16S
MBSK18S
CDBHM1100L-G
MBSK110S
MBSKxxS
+
-
Low VF SMD Schottky Bridge Rectifiers
Standard Packaging
Case Type
2,500
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
MBS


Similar Part No. - CDBHM120L-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
86Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
More results

Similar Description - CDBHM120L-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
86Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHD220-G COMCHIP-CDBHD220-G Datasheet
112Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-G COMCHIP-CDBHM220L-G Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF_12 Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G_12 Datasheet
159Kb / 4P
   Low VF Schottky Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G Datasheet
275Kb / 2P
   Low VF Schottky Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com