Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBHM120L-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBHM120L-G
Description  Low VF SMD Schottky Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHM120L-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBHM120L-G Datasheet HTML 1Page - Comchip Technology CDBHM120L-G Datasheet HTML 2Page - Comchip Technology CDBHM120L-G Datasheet HTML 3Page - Comchip Technology CDBHM120L-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF SMD Schottky Bridge Rectifiers
Reverse Voltage: 20 to 100 Volts
Forward Current: 1.0 Amp
RoHS Device
Page 1
REV: B
CDBHM120L-G Thru. CDBHM1100L-G
QW-BL014
Comchip Technology CO., LTD.
MBS
Dimensions in inches and (millimeters)
0.157(4.00)
0.106(2.70)
0.102(2.60)
0.033(0.84)
0.142(3.60)
0.090(2.30)
0.087(2.20)
0.022(0.56)
Features
Mechanical data
-Case: Molded plastic
-Polarity: As marked
-Lead: Solder plated
0.276(7.00)
MAX
0.140(0.35)
0.006(0.15)
0.043(1.10)
0.028(0.70)
0.053(1.53)
0.037(0.95)
0.008(0.20)
MAX
0.083(2.12)
0.043(1.10)
0.193(4.90)
0.177(4.50)
Notes: 1.Pulse test: 300µS pulse width, 1% duty cycle.
2.Measured at 1.0MHZ and applied reverse voltage of 4.0 Voltage.
3.Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2x0.2” (5.0x5.0mm)
copper pad areas.
0.053(1.53)
0.037(0.95)
0.118(3.0)
MAX
Typical junction capacitance(Note 2)
Units
20
14
40
28
40
60
42
60
80
56
80
100
70
100
V
V
A
A
V
°C/W
°C
Symbol
VRMS
VDC
Typical thermal resistance(Note 3)
Maximum. RMS voltage
Maximum. DC blocking voltage
VRRM
VF
20
V
Maximum.
@ 0.5A
Instantaneous forward voltage
IAV
IFSM
IR
RθJA
RθJL
CJ
250
20
85
mA
pF
0.5
20
40
1.0
Maximum. Repetitive peak reverse voltage
Parameter
CDBHM
120L-G
CDBHM
140L-G
CDBHM
160L-G
CDBHM
180L-G
CDBHM
1100L-G
-55 to +150
TSTG
°C
Sorage temperature range
Operating temperature range
TJ
0.65
0.55
0.85
Maximum. DC reverse current @TA=25°C
rated DC blocking voltage per leg @TA=100°C
Peak Forward surge current,8.3ms single half
sine-wave superimposed on Rated Load
(JEDEC method)
125
Average Forward rectified current
0.2*0.2” (5.0*5.0mm)copper pad area ,(see figure 2)
-55 to +150
+
-
-Weight: 0.12 gram(approx)
-Ideal for printed circuit board
-High current capability,Low Forward voltage drop
meets profile.
-Lead-free part meets RoHS requirements.
Maximum Ratings And Electrical Characteristics
Rating at TA=25°C, unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.


Similar Part No. - CDBHM120L-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
86Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
More results

Similar Description - CDBHM120L-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
86Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHD220-G COMCHIP-CDBHD220-G Datasheet
112Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-G COMCHIP-CDBHM220L-G Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF_12 Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G_12 Datasheet
159Kb / 4P
   Low VF Schottky Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G Datasheet
275Kb / 2P
   Low VF Schottky Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com