Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSH-XX1BX Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ELSH-XX1BX
Description  Small package with high efficiency
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-XX1BX Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ELSH-XX1BX Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSH-XX1BX Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSH-XX1BX Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSH-XX1BX Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-XX1BX Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-XX1BX Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-XX1BX Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-XX1BX Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-XX1BX Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
DATASHEET
SMD HP Shuen
3W Series
5
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001163
www.everlight.com
Luminous Flux Characteristics for the Shuen series
Color
Part Number
3W
Minimum Luminous Flux(lm)
or
Radiometric Power(mW)[1]
Drive Current
(mA)
ELSH – J51CX
140
700
ELSH – J61CX
150
700
ELSH – J71CX
160
700
ELSH – J81CX
170
700
ELSH – J31NX
120
700
ELSH – J41NX
130
700
ELSH – J51NX
140
700
ELSH – J61NX
150
700
ELSH – J21MX
110
700
ELSH – J31MX
120
700
ELSH – J41MX
130
700
ELSH – J51MX
140
700
ELSH – F81RX
80
700
ELSH – F91RX
90
700
ELSH – F81YX
80
700
ELSH – F91YX
90
700
ELSH – F91GX
90
700
ELSH – J11GX
100
700
ELSH – E81BX
20
700
ELSH – E91BX
23
700
Notes:
1.
Luminous flux measurement tolerance: ±10%.
2.
The data of luminous flux measured at thermal pad=25°C
3.
Typical luminous flux or light output performance is operated within the conditions guided by this datasheet.
Amber
Cool
White
Red
Green
Blue
Neutral
White
Warm
White


Similar Part No. - ELSH-XX1BX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-XX1BX EVERLIGHT-ELSH-XX1BX Datasheet
1Mb / 40P
   Small package with high efficiency
ELSH-XX1BX EVERLIGHT-ELSH-XX1BX Datasheet
1Mb / 46P
   LM-80 Certified
More results

Similar Description - ELSH-XX1BX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com