Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-F61R1-0PPNM-AR5R6 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELSW-F61R1-0PPNM-AR5R6
Description  Small package with high efficiency
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-F61R1-0PPNM-AR5R6 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button ELSW-F61R1-0PPNM-AR5R6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSW-F61R1-0PPNM-AR5R6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-F61R1-0PPNM-AR5R6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-F61R1-0PPNM-AR5R6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-F61R1-0PPNM-AR5R6 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-F61R1-0PPNM-AR5R6 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-F61R1-0PPNM-AR5R6 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSW-F61R1-0PPNM-AR5R6 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSW-F61R1-0PPNM-AR5R6 Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DATASHEET
SMD HP Shwo
1W Series
7
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001156
www.everlight.com
PN of the Shwo High Luminous Series: White LEDs
The table below is a list of part numbers for the Everlight Shwo 1W high luminous series White
LED. All parts listed match ANSI binning standards. Bin offerings of 2700K to 6500K are listed and
currently available. CRI is also listed with min 70 to 80. Typical view angle is 100°
. These clearly listed
binning options allow for proper design and implementation into lighting applications. The Order Codes
below are currently available White Shwo LEDs.
For Example: If you order product using P/N
ELSW-J11C1-0CPGS-C5700,you will be specifying:
White Shwo series LEDs at 350mA are listed below.
Color
Order Code of ELSW
Minimum
Luminous
Flux (lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
CRI
(min)
ELSW-J11C1-0CPGS-C6500
100
65K-1~65K-4
2.65~3.55
70
ELSW-J21C1-0VPGS-C6500
110
65K-1~65K-4
2.65~3.55
70
ELSW-J31C1-0VPGS-C6500
120
65K-1~65K-4
2.65~3.55
70
ELSW-J11C1-0VPHS-C6500
100
65K-1~65K-4
2.65~3.55
80
ELSW-J11C1-0CPGS-C5700
100
57K-1~57K-4
2.65~3.55
70
ELSW-J21C1-0VPGS-C5700
110
57K-1~57K-4
2.65~3.55
70
ELSW-J31C1-0VPGS-C5700
120
57K-1~57K-4
2.65~3.55
70
ELSW-J11C1-0VPHS-C5700
100
57K-1~57K-4
2.65~3.55
80
ELSW-F91C1-0CPGS-C5000
90
50K-1~50K-4
2.65~3.55
70
ELSW-J11C1-0VPGS-C5000
100
50K-1~50K-4
2.65~3.55
70
ELSW-J21C1-0CPGS-C5000
110
50K-1~50K-4
2.65~3.55
70
ELSW-J31C1-0CPGS-C5000
120
50K-1~50K-4
2.65~3.55
70
ELSW-F91C1-0CPHS-C5000
90
50K-1~50K-4
2.65~3.55
80
ELSW-F91N1-0CPGS-C4500
90
45K-1~45K-4
2.65~3.55
75
ELSW-J11N1-0VPGS-C4500
100
45K-1~45K-4
2.65~3.55
75
ELSW-F91N1-0CPGS-C4000
90
40K-1~40K-4
2.65~3.55
75
ELSW-J11N1-0VPGS-C4000
100
40K-1~40K-4
2.65~3.55
75
ELSW-F81N1-0VPHS-C4000
80
40K-1~40K-4
2.65~3.55
80
ELSW-F91N1-0CPHS-C4000
90
40K-1~40K-4
2.65~3.55
80
Color
Variant
Radiation
Pattern
CRI
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
70
57K-1 ~ 57K-2
~
57K-3 ~ 57K-4
2.65~2.95(U4)
2.95~3.25(V1)
3.25~3.55(V2)
100
Neutral
White
4500
Neutral
White
4000
Cool
White
6500
Cool
White
5700
Cool
White
5000


Similar Part No. - ELSW-F61R1-0PPNM-AR5R6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-F61R1-0PPNM-AR5R6 EVERLIGHT-ELSW-F61R1-0PPNM-AR5R6 Datasheet
1Mb / 46P
   Shwo
More results

Similar Description - ELSW-F61R1-0PPNM-AR5R6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com