Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBM160-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBM160-G
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBM160-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBM160-G Datasheet HTML 1Page - Comchip Technology CDBM160-G Datasheet HTML 2Page - Comchip Technology CDBM160-G Datasheet HTML 3Page - Comchip Technology CDBM160-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-BB005
REV:D
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CDBM120-G Thru. CDBM1150-G)
Fig.2 Forward Characteristics
VF, Forward Voltage (V)
0.1
Fig.1 Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
120
200
Fig.3 Junction Capacitance
0
VR, Reverse Voltage (V)
150
350
0.01
1
0.01
10
100
2.1
100
Fig.4 Current Derating Curve
0
TA, Ambient Temperature (°C)
0.8
1.4
0.6
0.1
20
160
100
0.01
1
10
100
0.1
0.5
0.2
1.3
1.7
50
200
300
0.4
40
80
160
1
60
120
1.0
1.2
O
TJ=75 C
O
TJ=25 C
0.9
CDBM120-G~140-G
0.1
10
100
250
f=1MHz
Applied 4VDC
reverse voltage
140
40
80
Fig.5 Non-repetitive Forward
Surge Current
0
Number of Cycles at 60Hz
30
1
10
100
12
24
6
18
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
CDBM150-G~160-G
CDBM180-G~1150-G
SMD Schottky Barrier Rectifiers


Similar Part No. - CDBM160-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM160-G COMCHIP-CDBM160-G Datasheet
624Kb / 2P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBM160-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com