Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR19-315C-TR8 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # IR19-315C-TR8
Description  0603 Package Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR19-315C-TR8 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  IR19-315C-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR19-315C-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR19-315C-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR19-315C-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR19-315C-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR19-315C-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR19-315C-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR19-315C-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR19-315C-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 6 of 9
Device No:DTS-193-220
Prepared date:04-27-2006
Prepared by:Daniel Yang
IR19-315C/TR8
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - IR19-315C-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8_15 Datasheet
320Kb / 9P
   0603 Package Infrared LED
More results

Similar Description - IR19-315C-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8_15 Datasheet
320Kb / 9P
   0603 Package Infrared LED
EAIST1708A1 EVERLIGHT-EAIST1708A1 Datasheet
590Kb / 9P
   0603 Package Infrared LED
SIR19-315-TR8 EVERLIGHT-SIR19-315-TR8 Datasheet
312Kb / 9P
   0603 Package Infrared Chip LED
SIR19-315-TR8 EVERLIGHT-SIR19-315-TR8 Datasheet
208Kb / 9P
   0603 Package Infrared Chip LED
EAIST1708A0 EVERLIGHT-EAIST1708A0 Datasheet
581Kb / 9P
   0603 Package Infrared Chip LED
logo
P-tec Corporation
PL00131-WCB11 P-TEC-PL00131-WCB11_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package
PL00230-WCA02 P-TEC-PL00230-WCA02 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCG23 P-TEC-PL00230-WCG23 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCR21 P-TEC-PL00230-WCR21 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00232-WCB08 P-TEC-PL00232-WCB08 Datasheet
31Kb / 1P
   SMD LED 0603 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com