Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB22320 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # PEB22320
Description  Primary Rate Access Clock Generator and Transceiver PRACT
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB22320 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button PEB22320 Datasheet HTML 7Page - Siemens Semiconductor Group PEB22320 Datasheet HTML 8Page - Siemens Semiconductor Group PEB22320 Datasheet HTML 9Page - Siemens Semiconductor Group PEB22320 Datasheet HTML 10Page - Siemens Semiconductor Group PEB22320 Datasheet HTML 11Page - Siemens Semiconductor Group PEB22320 Datasheet HTML 12Page - Siemens Semiconductor Group PEB22320 Datasheet HTML 13Page - Siemens Semiconductor Group PEB22320 Datasheet HTML 14Page - Siemens Semiconductor Group PEB22320 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
PEB 22320
Functional Description
Semiconductor Group
11
2
Functional Description
Figure 2
Functional Block Diagram of the PRACT
Jitter Attenuator
&
Clock Generator
Loss of
Signal
Detection
LOS
P
Recovery
Data
Clock &
N
RRCLK
Timing &
Pulseshaper
ROM
D/A
Receiver
Driver
RL
XDIN
XDIP
ITB04876
RDON
RDOP
RCLK
XCLK (T1)
XTAL1, 2, 3, 4
LL
RL1
RL2
XL2
XL1
LS0, 1, 2
System
Clocks
XCLK
(CEPT)
Transmit
Output
Input
Receive
XTIP
Transmit
XTIN
Test Data


Similar Part No. - PEB22320

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2245 SIEMENS-PEB2245 Datasheet
1,021Kb / 70P
   Multipoint Switching and Conferencing Unit - Attenuation MUSAC
PEB2245-N SIEMENS-PEB2245-N Datasheet
65Kb / 2P
   multipoint switching and conferencing unit (musac)
logo
Infineon Technologies A...
PEB22504 INFINEON-PEB22504 Datasheet
1Mb / 128P
   Quad Line Interface Unit for E1?껿1?껲1 QuadLIU
February 2001 Version 1.1
logo
Pulse A Technitrol Comp...
PEB22504 PULSE-PEB22504 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Infineon Technologies A...
PEB22522 INFINEON-PEB22522 Datasheet
551Kb / 2P
   MULTI BIT RATE INTEGRATED CIRCUIT
V 2.1, 1999
More results

Similar Description - PEB22320

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2181A DALLAS-DS2181A Datasheet
376Kb / 32P
   CEPT Primary Rate Transceiver
logo
Vitesse Semiconductor C...
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01_17 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01_16 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150 ONSEMI-NB3H5150_16 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
logo
National Semiconductor ...
DP8224 NSC-DP8224 Datasheet
143Kb / 8P
   Clock Generator and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com