Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-6638N3 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # IRM-6638N3
Description  Infrared Remote Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-6638N3 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  IRM-6638N3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-6638N3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-6638N3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-6638N3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-6638N3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-6638N3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Infrared Remote Control
Receiver Module
Everlight Electronics Co., Ltd.
4
http://www.everlight.com
Document No: DMO-0000056
Rev. 1
Feb ,20 , 2009
IRM-66xxN3 series
Test Method
The specified electro-optical characteristics is satisfied under the following Conditions at the controllable
distance.
1. Measurement place
A place that is nothing of extreme light reflected in the room.
2. External light
Project the light of ordinary white fluorescent lamps which are not high
Frequency lamps and must be less then 10 Lux at the module surface.
(Ee 10Lux)
3. Standard transmitter
A transmitter whose output is so adjusted as to Vo=400mVp-p and the output Wave form shown in
Fig.-1.According to the measurement method shown in Fig.-2 the standard transmitter is specified. However,
the infrared photodiode to be used for the transmitter should be λp=940nm,Δλ=50nm. Also, photodiode is
used of PD438B (Vr=5V). (Standard light / Light source temperature 2856°K).
4. Measuring system According to the measuring system shown in Fig.-3
Fig.-1 Transmitter Wave Form
D.U.T output Pulse
Fig.-2 Measuring Method
Fig.-3
Measuring System


Similar Part No. - IRM-6638N3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-6638N3S45 EVERLIGHT-IRM-6638N3S45 Datasheet
1Mb / 6P
   Infrared Remote Control
More results

Similar Description - IRM-6638N3

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
logo
Everlight Electronics C...
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
   Infrared Remote Control
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
   Infrared Remote Control
logo
BRIGHT LED ELECTRONICS ...
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
   Infrared Remote-control
logo
ELM Electronics
ELM339 ELM-ELM339 Datasheet
27Kb / 4P
   INFRARED REMOTE CONTROL
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
   INFRARED REMOTE CONTROL RECEIVER
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com