Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITR8307-L24-TR8 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ITR8307-L24-TR8
Description  Opto Interrupter ITR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR8307-L24-TR8 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ITR8307-L24-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR8307-L24-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR8307-L24-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR8307-L24-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR8307-L24-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR8307-L24-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR8307-L24-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ITR8307-L24-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ITR8307-L24-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-03-23 21:53:56.0
ITR8307/L24/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 2 of 10
Device No:DRX-0000011
Prepared date:2009/03/23
Prepared by: Vic Liao
Package Dimensions
Notes: 1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.25mm
Absolute Maximum Ratings (Ta=25
)
Parameter
Symbol
Ratings
Unit
Power Dissipation at(or below) 25
Free
Air Temperature
Pd
75
mW
Reverse Voltage
VR
6
V
Forward Current
IF
50
mA
Input
Peak Forward Current (*1)
Pulse width
100μs, Duty cycle=1%
IFP
1
A
Collector Power Dissipation
PC
100
mW
Collector Current
IC
20
mA
Collector-Emitter Voltage
B VCEO
15
V
Output
Emitter-Collector Voltage
B VECO
6
V
Operating Temperature
Topr
-25~+85
Storage Temperature
Tstg
-30~+90
Lead Soldering Temperature (*2)
Tsol
260
(
1)
tw=100 μsec. ,
T=10 msec.
(
2)
t≦10
Sec


Similar Part No. - ITR8307-L24-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR8307-L24-F43 EVERLIGHT-ITR8307-L24-F43 Datasheet
277Kb / 9P
   Opto Interrupter ITR
More results

Similar Description - ITR8307-L24-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR20508 EVERLIGHT-ITR20508 Datasheet
190Kb / 8P
   OPTO INTERRUPTER ITR
ITR20507 EVERLIGHT-ITR20507 Datasheet
184Kb / 7P
   OPTO INTERRUPTER ITR
ITR20506 EVERLIGHT-ITR20506 Datasheet
186Kb / 7P
   OPTO INTERRUPTER ITR
ITR20403 EVERLIGHT-ITR20403_06 Datasheet
250Kb / 8P
   OPTO INTERRUPTER ITR
ITR8307-L24 EVERLIGHT-ITR8307-L24 Datasheet
258Kb / 9P
   Opto Interrupter ITR
ITR20004 EVERLIGHT-ITR20004 Datasheet
173Kb / 8P
   Opto Interrupter ITR
ITR9904 EVERLIGHT-ITR9904 Datasheet
560Kb / 8P
   OPTO INTERRUPTER ITR
ITR9907 EVERLIGHT-ITR9907_05 Datasheet
328Kb / 9P
   OPTO INTERRUPTER ITR
ITR20505 EVERLIGHT-ITR20505 Datasheet
251Kb / 8P
   OPTO INTERRUPTER ITR
ITR20402 EVERLIGHT-ITR20402_06 Datasheet
320Kb / 9P
   OPTO INTERRUPTER ITR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com