Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL40V01-000 Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # CL40V01-000
Description  Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL40V01-000 Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  CL40V01-000 Datasheet HTML 1Page - Wabash Transformer Inc. CL40V01-000 Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Wire Details:
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
13
Any application, Any requirement, Contact us for our Custom Designs
Partial Selection Guide
Primary Voltage
COM
110,115,120
200,208,215
220, 230, 240
265, 277
380
400, 415
460, 480
575
600
Color
Black
White
Red
Orange
Brown
Violet
Red/White
Grey
Black/Red
Black/White
Secondary Voltage
COM
12
24
Standard leads: All leads are 12.0” L.O.C (length out of coil) 1/2” strip
Color
Blue
Yellow
Blue
Class 2 UL5085 -3 Transformer
40VA, Core 3/4”, Inherently Energy Limited
Series: CL - Lead Wires & Quick-Connects
* Refer to page number 7. Must complete part number to specify voltages, termination, mounting & fusing.
For custom designs 3 digit customer ID will be added at the end of the part number.
Primary
Voltage
Secondary
Voltage
40 VA
Size - 3/4” X 1-1/4”
UL
208/230
24
CL40V00-000*
-
120
24
CL40V01-000*
-
277
24
CL40V02-000*
-
120/208/240
24
CL40V03-000*
-
480
24
CL40V04-000*
-
600
24
CL40V06-000*
-
120/240
24
CL40V07-000*
-
380
24
CL40V09-000*
-
240
24
CL40V40-000*
-
208/240
24
CL40V15-000*
-
25
CL40V61-000*
-
415
24
CL40V16-000*
-
380/415
24
CL40V17-000*
-
575
24
CL40V21-000*
-
208/240/277
24
CL40V23-000*
-
240/480
24
CL40V24-000*
-
380/415/575
24
CL40V27-000*
-
460
24
CL40V28-000*
-
480/575
24
CL40V30-000*
-
120/208/240/277
24
CL40V36-000*
-
Primary
Voltage
Secondary
Voltage
40 VA
Size - 3/4” X 1-1/4”
UL
120/277
24
CL40V41-000*
-
208/277/480
24
CL40V42-000*
-
277/380/415
24
CL40V43-000*
-
208/240/480
24
CL40V44-000*
-
208
24
CL40V45-000*
-
220/240
24
CL40V47-000*
-
100
24
CL40V48-000*
220
24
CL40V49-000*
-
115
24
CL40V51-000*
24
CL40V52-000*
-
346
24
CL40V53-000*
-
208/230/460
24
CL40V54-000*
-
400
24
CL40V55-000*
-
575/600
24
CL40V56-000*
-
200/230/460
24
CL40V58-000*
-
230/460
24
CL40V59-000*
-
380/460
24
CL40V60-000*
-
115/230
24
CL40V62-000*
-
230
24
CL40V63-000*
-
240/277/480
24
CL40V64-000*
-
Class 2


Similar Part No. - CL40V01-000

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL40V01-0CT WABASH-CL40V01-0CT Datasheet
776Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
More results

Similar Description - CL40V01-000

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
   Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
   Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
logo
TRIAD MAGNETICS
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
   CLASS 2/3 TRANSFORMER
FS20-300-C2 TRIAD-FS20-300-C2 Datasheet
56Kb / 1P
   CLASS 2/3 TRANSFORMER
FS28-200-C2 TRIAD-FS28-200-C2 Datasheet
56Kb / 1P
   CLASS 2/3 TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com