Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD70-01C-TR7 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PD70-01C-TR7
Description  Silicon Planar PIN Photodiode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD70-01C-TR7 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PD70-01C-TR7 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD70-01C-TR7 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD70-01C-TR7 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD70-01C-TR7 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD70-01C-TR7 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD70-01C-TR7 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD70-01C-TR7 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PD70-01C-TR7 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PD70-01C-TR7 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 3 of 10
Device No:DTD-700-134
Prepared date:07-20-2005
Prepared by:JAINE TSAI
PD70-01C/TR7
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Rang Of Spectral Bandwidth
λ0.5
---
400
---
1100
nm
Wavelength Of Peak Sensitivity
λP
---
---
940
---
nm
Open-Circuit Voltage
VOC
Ee=5mW/cm
2
λp=940nm
---
0.35
---
V
Short- Circuit Current
ISC
Ee=1mW/cm
2
λp=940nm
---
35
---
μA
Reverse Light Current
IL
Ee=1mW/cm
2
λp=870nm
VR=5V
17
25
---
μA
Reverse Dark Current
ID
Ee=0mW/cm
2
VR=10V
---
5
30
nA
Reverse Breakdown Voltage
BVR
Ee=0mW/cm
2
IR=100μA
32
170
---
V
Total Capacitance
Ct
Ee=0mW/cm
2
VR=3V
f=1MHz
---
25
---
pF
Rise/Fall Time
tr/tf
VR=10V
RL=1KΩ
---
50/50
---
nS


Similar Part No. - PD70-01C-TR7

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD70-01C-TR10 EVERLIGHT-PD70-01C-TR10 Datasheet
181Kb / 10P
   Silicon Planar PIN Photodiode
More results

Similar Description - PD70-01C-TR7

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD70-01B-TR10 EVERLIGHT-PD70-01B-TR10 Datasheet
213Kb / 10P
   Silicon Planar PIN Photodiode
EAPDSZ4439A3 EVERLIGHT-EAPDSZ4439A3 Datasheet
468Kb / 8P
   Silicon Planar PIN Photodiode
EAPDSZ4439A2 EVERLIGHT-EAPDSZ4439A2 Datasheet
369Kb / 8P
   Silicon Planar PIN Photodiode
PD70-01B EVERLIGHT-PD70-01B Datasheet
210Kb / 10P
   Silicon Planar PIN Photodiode
PD70-01C EVERLIGHT-PD70-01C Datasheet
209Kb / 10P
   Silicon Planar PIN Photodiode
PD70-01C-TR10 EVERLIGHT-PD70-01C-TR10 Datasheet
181Kb / 10P
   Silicon Planar PIN Photodiode
EAPDSZ4439A4 EVERLIGHT-EAPDSZ4439A4 Datasheet
430Kb / 8P
   Silicon Planar PIN Photodiode
EAPDSZ4439A1 EVERLIGHT-EAPDSZ4439A1 Datasheet
400Kb / 8P
   Silicon Planar PIN Photodiode
PD70-01B-TR7 EVERLIGHT-PD70-01B-TR7 Datasheet
210Kb / 10P
   Silicon Planar PIN Photodiode
EAPDSZ4439A0 EVERLIGHT-EAPDSZ4439A0 Datasheet
499Kb / 9P
   Silicon Planar PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com