Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P24T-24-24 Datasheet(PDF) 1 Page - Wabash Transformer Inc.

Part # P24T-24-24
Description  The Compact Isolation Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

P24T-24-24 Datasheet(HTML) 1 Page - Wabash Transformer Inc.

  P24T-24-24 Datasheet HTML 1Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales Office:
58
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
The Compact Isolation Transformer
Series: P24T - Chassis Mount with Terminals
Power Rating 2.4VA to 100VA
Single Primary, 24V
Frequency 50/60HZ
Center-tapped Secondary, 24V
Dielectric Strength – 2500 Vrms
Insulation Class B (130°C)
Low Capacitive Coupling, no Electrostatic Shield Needed
Agency Approvals:
UL/cUL 5085-2 Recognized (File E47299)
Insulation File No. E95662
VA
Rating
Part
Number
Dimensions (Inches)
Weight
Lbs
Secondary
L
W
H
A
B
ML
2.4
P24T-24-24
24VCT @ 100mA
2.063
1.17
1.19
1.45
0.563
1.75
0.25
6
P24T-06-24
24VCT @ 250mA
2.375
1.30
1.38
1.70
0.688
2.00
0.44
12
P24T-12-24
24VCT @ 500mA
2.813
1.44
1.62
1.95
0.813
2.38
0.70
30
P24T-30-24
24VCT @ 1.25A
3.250
1.76
1.94
2.32
1.063
2.81
1.10
50
P24T-50-24
24VCT @ 2.083A
3.688
1.87
2.25
2.70
1.063
3.12
1.70
56
P24T-56-24
24VCT @ 2.33A
3.688
1.87
2.25
2.70
1.063
3.12
1.70
100
P24T-100-24
24VCT @ 4.17A
4.031
2.25
2.56
3.08
1.313
3.56
2.75
Single Primary
● Indicates Like Polarity
Any application, Any requirement, Contact us for our Custom Designs
Primaries and Secondaries are designed to be used
simultaneously. That is, they must be used either series or parallel
connected (as one winding). Same applies to secondaries also.


Similar Part No. - P24T-24-24

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
P24 DBLECTRO-P24 Datasheet
369Kb / 2P
   Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
Teccor Electronics
P2400AA61 TECCOR-P2400AA61 Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P2400AA61L LITTELFUSE-P2400AA61L Datasheet
142Kb / 2P
   SIDACtor
logo
VBsemi Electronics Co.,...
P2402CAG VBSEMI-P2402CAG Datasheet
1Mb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P2402OV NIKOSEM-P2402OV Datasheet
311Kb / 9P
   N- & P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - P24T-24-24

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
PST-24-10 WABASH-PST-24-10 Datasheet
625Kb / 2P
   The Compact Power Transformer
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
logo
XFMRS Inc.
XFADSL35S XFMRS-XFADSL35S_15 Datasheet
80Kb / 1P
   ISOLATION TRANSFORMER
XFADSL37S XFMRS-XFADSL37S_15 Datasheet
79Kb / 1P
   ISOLATION TRANSFORMER
XFADSL45S XFMRS-XFADSL45S_15 Datasheet
82Kb / 1P
   ISOLATION TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA4017G PCA-EPA4017G Datasheet
37Kb / 1P
   Isolation Transformer
EPA4076G PCA-EPA4076G Datasheet
19Kb / 1P
   Isolation Transformer
logo
XFMRS Inc.
XFADSL44S XFMRS-XFADSL44S Datasheet
73Kb / 1P
   Isolation Transformer
XFADSL37S XFMRS-XFADSL37S Datasheet
79Kb / 1P
   Isolation Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com