Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL60H17-0CT Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # CL60H17-0CT
Description  Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL60H17-0CT Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  CL60H17-0CT Datasheet HTML 1Page - Wabash Transformer Inc. CL60H17-0CT Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Partial Selection Guide
Lead Wire Details:
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
21
Any application, Any requirement, Contact us for our Custom Designs
Primary
Voltage
Secondary Voltage
60 VA
Size - 1.0” X 1.0”
75 VA
Size - 1.0” X 1.0”
UL
UL
208/230
24
CL60H00-000*
CL75J00-000*
24Vct
CL60H00-0CT*
CL75J00-0CT*
120
24
CL60H01-000*
CL75J01-000*
24Vct
CL60H01-0CT*
CL75J01-0CT*
277
24
CL60H02-000*
CL75J02-000*
24Vct
CL60H02-0CT*
CL75J02-0CT*
120/208/240
24
CL60H03-000*
CL75J03-000*
24Vct
CL60H03-0CT*
CL75J03-0CT*
480
24
CL60H04-000*
CL75J04-000*
24Vct
CL60H04-0CT*
CL75J04-0CT*
120/208/240/480
24
CL75J05-000*
-
24Vct
CL75J05-0CT*
-
600
24
CL60H06-000*
CL75J06-000*
-
24Vct
CL60H06-0CT*
CL75J06-0CT*
-
277/380/575
24
CL60H08-000*
CL75J08-000*
24Vct
CL60H08-0CT*
CL75J08-0CT*
380
24
CL60H09-000*
CL75J09-000*
-
24Vct
CL60H09-0CT*
CL75J09-0CT*
-
24
CL75J14-000*
277/380/415/480
-
24Vct
CL75J14-0CT*
-
208/240
24
CL60H15-000*
CL75J15-000*
12
CL60H50-000*
-
24Vct
CL60H15-0CT*
CL75J15-0CT*
380/415
24
CL60H17-000*
CL75J17-000*
-
24Vct
CL60H17-0CT*
CL75J17-0CT*
-
575
24
CL60H21-000*
CL75J21-000*
24Vct
CL60H21-0CT*
CL75J21-0CT*
480/575
24
CL60H30-000*
CL75J30-000*
-
24Vct
CL60H30-0CT*
CL75J30-0CT*
-
200/230
24
CL60H31-000*
CL75J31-000*
24Vct
CL60H31-0CT*
CL75J31-0CT*
240
24
CL60H40-000*
CL75J40-000*
24Vct
CL60H40-0CT*
CL75J40-0CT*
120/277
24
CL60H41-000*
CL75J41-000*
24Vct
CL60H41-0CT*
CL75J41-0CT*
208/240/480
24
CL60H44-000*
CL75J44-000*
-
24Vct
CL60H44-0CT*
CL75J44-0CT*
-
208
24
CL60H45-000*
CL75J45-000*
24Vct
CL60H45-0CT*
CL75J45-0CT*
100
24
CL60H48-000*
CL75J48-000*
24Vct
CL60H48-0CT*
CL75J48-0CT*
265
24
CL60H52-000*
CL75J52-000*
24Vct
CL60H52-0CT*
CL75J52-0CT*
208/230/460
24
CL60H54-000*
CL75J54-000*
-
24Vct
CL60H54-0CT*
CL75J54-0CT*
-
380/460
24
CL60H60-000*
CL75J60-000*
-
24Vct
CL60H60-0CT*
CL75J60-0CT*
-
Primary Voltage
COM
110,115,120
200,208,215
220, 230, 240
265, 277
380
400, 415
460, 480
575
600
Color
Black
White
Red
Orange
Brown
Violet
Red/White
Grey
Black/Red
Black/White
Secondary Voltage
COM
12
24
Standard leads: All leads are 12.0” L.O.C (length out of coil) 1/2” strip
Color
Blue
Yellow
Blue
Class 2 UL5085 -3 Transformer
60VA - 75VA, Non-Inherently Energy Limited
Series: CL - Lead Wires & Quick-Connects
* Refer to page number 7. Must complete part number to specify voltages, termination, mounting & fusing.
For custom designs 3 digit customer ID will be added at the end of the part number.
Class 2


Similar Part No. - CL60H17-0CT

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL6 SUTEX-CL6 Datasheet
549Kb / 5P
   Linear, Fixed, 100mA Constant Current LED Driver
logo
Vaisala
CL61 VAISALA-CL61 Datasheet
138Kb / 2P
   Lidar Ceilometer CL61 with depolarization measurement
logo
Lumins Inc.
CL613 LUMINIS-CL613 Datasheet
196Kb / 2P
   Heavy cast aluminum top cover with integral LED heat dissipating pad
CL620 LUMINIS-CL620 Datasheet
280Kb / 3P
   LED array
CL621 LUMINIS-CL621 Datasheet
331Kb / 3P
   Optical system assembly
More results

Similar Description - CL60H17-0CT

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
   Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL40V00-000 WABASH-CL40V00-000 Datasheet
773Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TRIAD MAGNETICS
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
   CLASS 2/3 TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com