Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL100K05-0CT Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # CL100K05-0CT
Description  Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL100K05-0CT Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  CL100K05-0CT Datasheet HTML 1Page - Wabash Transformer Inc. CL100K05-0CT Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Wire Details:
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
23
Partial Selection Guide
Primary
Voltage
Secondary
Voltage
85VA
Size - 1.0” X 1-1/2”
96VA
Size - 1.0” X 1-1/2”
UL
UL
120
24
CL85R01-000*
CL100K01-000*
24Vct
CL85R01-0CT*
CL100K01-0CT*
277
24
CL85R02-000*
CL100K02-000*
24Vct
CL85R02-0CT*
CL100K02-0CT*
480
24
CL85R04-000*
CL100K04-000*
24Vct
CL85R04-0CT*
CL100K04-0CT*
120/208/240/480
24
CL85R05-000*
CL100K05-000*
24Vct
CL85R05-0CT*
CL100K05-0CT*
208/240
24
CL85R15-000*
CL100K15-000*
24Vct
CL85R15-0CT*
CL100K15-0CT*
Any application, Any requirement, Contact us for our Custom Designs
Primary Voltage
COM
110,115,120
200,208,215
220, 230, 240
265, 277
380
400, 415
460, 480
575
600
Color
Black
White
Red
Orange
Brown
Violet
Red/White
Grey
Black/Red
Black/White
Secondary Voltage
COM
12
24
Standard leads: All leads are 12.0” L.O.C (length out of coil) 1/2” strip
Color
Blue
Yellow
Blue
Class 2 UL5085 -3 Transformer
80VA - 100VA, Non-Inherently Energy Limited
Series: CL - Lead Wires
* Refer to page number 7. Must complete part number to specify voltages, termination, mounting & fusing.
For custom designs 3 digit customer ID will be added at the end of the part number.
Class 2


Similar Part No. - CL100K05-0CT

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CL100 CDIL-CL100 Datasheet
47Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
CL100A CDIL-CL100A Datasheet
47Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
CL100B CDIL-CL100B Datasheet
47Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
CL100S CDIL-CL100S Datasheet
226Kb / 2P
   NPN/PNP SILICON PLANAR TRANSISTORS
CL100SNPN CDIL-CL100SNPN Datasheet
226Kb / 2P
   NPN/PNP SILICON PLANAR TRANSISTORS
More results

Similar Description - CL100K05-0CT

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
   Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
   Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL40V00-000 WABASH-CL40V00-000 Datasheet
773Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TRIAD MAGNETICS
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
   CLASS 2/3 TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com