Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT133-T1 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # PLT133-T1
Description  Photolink- Fiber Optic Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLT133-T1 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  PLT133-T1 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLT133-T1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLT133-T1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLT133-T1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLT133-T1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 2 of 5
Device NO.: DPL-133-005
Prepared date: 07-25-2005
Prepared By: Chin-Chia Hsu
PLT133/T1
Package Dimensions
Notes: 1.All dimensions are in millimeters.
Pin Function: 1.GND
2.General Tolerance :±0.3mm
2.Vcc
3.Vin
Using Method
PCB Layout for Electrical Circuit
Notes:
1. unit:mm
2.Dimension Tolerance:±0.25mm
3.Substrate Thickness:1.6mm
Optical Output Side
3
2
1
Vin
Vcc
CL=0.1uF
7mm
GND


Similar Part No. - PLT133-T1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLT133-T10 EVERLIGHT-PLT133-T10 Datasheet
115Kb / 5P
   Photolink- Fiber Optic Transmitter
More results

Similar Description - PLT133-T1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLT133-T2 EVERLIGHT-PLT133-T2 Datasheet
135Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T6 EVERLIGHT-PLT133-T6 Datasheet
106Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T8 EVERLIGHT-PLT133-T8 Datasheet
126Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T9 EVERLIGHT-PLT133-T9 Datasheet
108Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T5A EVERLIGHT-PLT133-T5A Datasheet
122Kb / 7P
   Photolink- Fiber Optic Transmitter
PLT133-T5P EVERLIGHT-PLT133-T5P Datasheet
112Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T7 EVERLIGHT-PLT133-T7 Datasheet
107Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T6A EVERLIGHT-PLT133-T6A Datasheet
114Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T10 EVERLIGHT-PLT133-T10 Datasheet
115Kb / 5P
   Photolink- Fiber Optic Transmitter
PLT133-T EVERLIGHT-PLT133-T Datasheet
171Kb / 5P
   Photolink- Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com