Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLR253-S1 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # PLR253-S1
Description  Photo link Light Receiver Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR253-S1 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  PLR253-S1 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 1
Page: 5 of 8
Device NO: DPL-253-001
Prepared Date:05-15-2006
Prepared By: Chin-Chia Hsu
PLR253 Series
*Fig.3 Measuring Method of Output Voltage, Pulse and Jitter
Output
Vin
25 Mbps NRZ "0101" successive signal input
Standard Transmitter Unit
Input
Signal
Input
tw = TPHL-TPLH
tj2
tj1
50%
50%
CH2
47uH
T
TPLH
PHL
Vcc
GND
CH1
Standard plastic optic fiber cable
PLR253 Receiver Unit
3.3V
A
GND
0.1uF
Vcc
Vout
tr = 10% --> 90% Rise Time
tf = 90% --> 10% Fall Time
t r
t f
Application Circuit
(1) General application circuit
L2:47uH
C1:0.1uF
Vout
Vcc
L2
Vcc
GND
C1
Note:1. For having good coupling, the C1 capacitor must be placed within 7mm
2. For having good signal waveform, the Vout –GND circuit capacitor shall be smaller than 30pF.


Similar Part No. - PLR253-S1

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR2512H PROTEC-PLR2512H Datasheet
457Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PLR253-S1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLR233 EVERLIGHT-PLR233 Datasheet
151Kb / 8P
   Photo link Light Receiver Unit
logo
List of Unclassifed Man...
PLR132 ETC-PLR132 Datasheet
130Kb / 7P
   Photo-link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155_05 Datasheet
155Kb / 8P
   Photo link Light Receiver Unit
PLR137 EVERLIGHT-PLR137 Datasheet
120Kb / 9P
   Photo link Light Receiver Unit
PLR135 EVERLIGHT-PLR135 Datasheet
147Kb / 8P
   Technical Data Sheet Photo link Light Receiver Unit
logo
List of Unclassifed Man...
PLR131 ETC-PLR131 Datasheet
113Kb / 5P
   Technical Data Sheet Photo link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155 Datasheet
116Kb / 7P
   Technical Data Sheet Photo link Light Receiver Unit
PLT132 EVERLIGHT-PLT132_05 Datasheet
181Kb / 5P
   Photo-link Light Transmitter Unit
PLT532 EVERLIGHT-PLT532 Datasheet
129Kb / 6P
   Photo-link Light Transmitter Unit
EAPLTBA4 EVERLIGHT-EAPLTBA4 Datasheet
356Kb / 5P
   Photo-link Light Transmitter Unit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com