Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL40V52-0CT Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # CL40V52-0CT
Description  Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL40V52-0CT Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  CL40V52-0CT Datasheet HTML 1Page - Wabash Transformer Inc. CL40V52-0CT Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Wire Details:
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
17
Any application, Any requirement, Contact us for our Custom Designs
Primary
Voltage
Secondary
Voltage
40 VA
Size - 3/4” X 1-1/4”
UL
120
12
CL40V11-000*
24Vct
CL40V01-0CT*
-
277
24Vct
CL40V02-0CT*
-
120/208/240
24Vct
CL40V03-0CT*
-
480
24Vct
CL40V04-0CT*
-
600
24Vct
CL40V06-0CT*
-
120/240
24Vct
CL40V07-0CT*
-
240
24Vct
CL40V40-0CT*
-
12
CL40V10-000*
208/240
12
CL40V50-000*
24Vct
CL40V15-0CT*
-
380/415
24Vct
CL40V17-0CT*
-
575
24Vct
CL40V21-0CT*
-
215/230
24Vct
CL40V22-0CT*
-
208/240/277
24Vct
CL40V23-0CT*
-
240/480
24Vct
CL40V24-0CT*
-
380/415/575
24Vct
CL40V27-0CT*
-
460
24Vct
CL40V28-0CT*
-
480/575
24Vct
CL40V30-0CT*
-
120/208/240/277
24Vct
CL40V36-0CT*
-
120/277
24Vct
CL40V41-0CT*
-
Partial Selection Guide
Primary Voltage
COM
110,115,120
200,208,215
220, 230, 240
265, 277
380
400, 415
460, 480
575
600
Color
Black
White
Red
Orange
Brown
Violet
Red/White
Grey
Black/Red
Black/White
Secondary Voltage
COM
12
24
Standard leads: All leads are 12.0” L.O.C (length out of coil) 1/2” strip
Color
Blue
Yellow
Blue
Class 2 UL5085 -3 Transformer
40VA, Core 3/4”, Non-Inherently Energy Limited
Series: CL - Lead Wires & Quick-Connects
* Refer to page number 7. Must complete part number to specify voltages, termination, mounting & fusing.
For custom designs 3 digit customer ID will be added at the end of the part number.
Primary
Voltage
Secondary
Voltage
40 VA
Size - 3/4” X 1-1/4”
UL
208/277/480
24Vct
CL40V42-0CT*
-
277/380/415
24Vct
CL40V43-0CT*
-
208/240/480
24Vct
CL40V44-0CT*
-
208
24Vct
CL40V45-0CT*
-
220/240
24Vct
CL40V47-0CT*
-
100
24Vct
CL40V48-0CT*
220
24Vct
CL40V49-0CT*
-
115
24Vct
CL40V51-0CT*
265
24Vct
CL40V52-0CT*
-
346
24Vct
CL40V53-0CT*
-
208/230/460
24Vct
CL40V54-0CT*
-
400
24Vct
CL40V55-0CT*
-
575/600
24Vct
CL40V56-0CT*
-
200/230/460
24Vct
CL40V58-0CT*
-
230/460
24Vct
CL40V59-0CT*
-
380/460
24Vct
CL40V60-0CT*
-
208/240
25
CL40V61-0CT*
-
115/230
24Vct
CL40V62-0CT*
-
230
24Vct
CL40V63-0CT*
-
240/277/480
24Vct
CL40V64-0CT*
-
Class 2


Similar Part No. - CL40V52-0CT

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL40V52-000 WABASH-CL40V52-000 Datasheet
773Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
More results

Similar Description - CL40V52-0CT

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL40V00-000 WABASH-CL40V00-000 Datasheet
773Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
   Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
   Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TRIAD MAGNETICS
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
   CLASS 2/3 TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com