Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT67-21B-C14-TR8 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # PT67-21B-C14-TR8
Description  Top Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT67-21B-C14-TR8 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PT67-21B-C14-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT67-21B-C14-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT67-21B-C14-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT67-21B-C14-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT67-21B-C14-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT67-21B-C14-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT67-21B-C14-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT67-21B-C14-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT67-21B-C14-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 1 of 10
Device No:DTT-067-248
Prepared date:10-27-2006
Prepared by:JAINETSAI
Technical Data Sheet
Top Phototransistor
PT67-21B/C14/TR8
Features
․Fast response time
․High photo sensitivity
․Small junction capacitance
․Package in 8mm tape on 7” diameter reels.
․Compatible with infrared and vapor phase reflow solder process.
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
․PT67-21B/C14/TR8 is a high speed silicon NPN epitaxial planar
phototransistor in a compact surface-mountable package. It’s
compatible with automatic placement equipment and can withstand
IR reflow, vapor phase reflow , and wave solder processes.
Applications
․Miniature switch
․Counters and sorter
․Position sensor
․Infrared applied system
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
PT
Silicon
Black


Similar Part No. - PT67-21B-C14-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT67-21B EVERLIGHT-PT67-21B Datasheet
170Kb / 8P
   high speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package.
More results

Similar Description - PT67-21B-C14-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT67-21C-L41-TR8 EVERLIGHT-PT67-21C-L41-TR8 Datasheet
190Kb / 10P
   Top Phototransistor
PT67-21C EVERLIGHT-PT67-21C Datasheet
163Kb / 10P
   Top Phototransistor
PT67-21C-L41 EVERLIGHT-PT67-21C-L41 Datasheet
185Kb / 10P
   Top Phototransistor
EAPPL3527A2 EVERLIGHT-EAPPL3527A2 Datasheet
1Mb / 8P
   Top Phototransistor
logo
Rohm
RPT-34PB3F ROHM-RPT-34PB3F Datasheet
61Kb / 3P
   Phototransistor, top view type
RPT-38PB3F ROHM-RPT-38PB3F Datasheet
60Kb / 3P
   Phototransistor, top view type
RPT-34PB3F ROHM-RPT-34PB3F_10 Datasheet
137Kb / 3P
   Phototransistor, top view type
RPT-38PB3F ROHM-RPT-38PB3F_10 Datasheet
141Kb / 3P
   Phototransistor, top view type
RPT-37PB3F ROHM-RPT-37PB3F Datasheet
70Kb / 2P
   Phototransistor, top view type
RPT-38PT3F ROHM-RPT-38PT3F Datasheet
70Kb / 3P
   Phototransistor, top view type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com