Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT91-21C-TR10 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # PT91-21C-TR10
Description  1.9mm Round Subminiature??Z-Bend??Lead Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT91-21C-TR10 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button PT91-21C-TR10 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 9Page - Everlight Electronics Co., Ltd PT91-21C-TR10 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 7 of 10
Device No:DTT-091-032
Prepared date:08-02-2006
Prepared by:Jaine Tsai
PT91-21C/TR10
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 280℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is
unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.


Similar Part No. - PT91-21C-TR10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21C-TR7 EVERLIGHT-PT91-21C-TR7 Datasheet
249Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing?쒵ead
More results

Similar Description - PT91-21C-TR10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21B-TR10 EVERLIGHT-PT91-21B-TR10 Datasheet
260Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Phototransistor
PD95-21B EVERLIGHT-PD95-21B Datasheet
164Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Photodiode
EAPDSZ2120A0 EVERLIGHT-EAPDSZ2120A0 Datasheet
412Kb / 8P
   1.9mm Round Subminiature??Z-Bend??Lead Photodiode
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
EAISZ2120A0 EVERLIGHT-EAISZ2120A0 Datasheet
463Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
PT91-21B-TR9 EVERLIGHT-PT91-21B-TR9 Datasheet
254Kb / 10P
   1.9mm Round Subminiature Yoke Lead Phototransistor
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
95-21SURC EVERLIGHT-95-21SURC_13 Datasheet
141Kb / 9P
   Technical Data Sheet 1.9mm Round Subminiature Z-bend Lead (Square Base)LED
EAISZ2522A0 EVERLIGHT-EAISZ2522A0 Datasheet
531Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com