Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL20C00-000 Datasheet(PDF) 3 Page - Wabash Transformer Inc.

Part # CL20C00-000
Description  Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL20C00-000 Datasheet(HTML) 3 Page - Wabash Transformer Inc.

  CL20C00-000 Datasheet HTML 1Page - Wabash Transformer Inc. CL20C00-000 Datasheet HTML 2Page - Wabash Transformer Inc. CL20C00-000 Datasheet HTML 3Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Lead Wire Details:
Primary
Voltage
Secondary
Voltage
5 VA
Size - 3/4” X 1/2”
UL
10 VA
Size - 3/4” X 1/2”
UL
15VA
Size - 3/4” X 1/2”
UL
20 VA
Size - 3/4” X 5/8”
UL
30 VA
Size - 3/4" X 1.0”
UL
24
CL05X36-000*
CL10A36-000*
-
-
CL20C36-000*
-
CL30M36-000*
-
120/208/240/277
24Vct
CL05X36-0CT*
-
-
-
-
120/277
24
CL05X41-000*
CL10A41-000*
-
CL15B41-000*
-
CL20C41-000*
-
CL30M41-000*
-
24Vct
CL05X41-0CT*
-
-
-
-
208/277/480
24
CL05X42-000*
-
CL10A42-000*
-
-
CL20C42-000*
-
CL30M42-000*
-
277/380/415
24
CL05X43-000*
-
CL10A43-000*
-
-
CL20C43-000*
-
CL30M43-000*
-
208/240/480
24
CL05X44-000*
-
CL10A44-000*
-
CL15B44-000*
-
CL20C44-000*
-
CL30M44-000*
-
208
24
CL05X45-000*
CL10A45-000*
-
CL15B45-000*
-
CL20C45-000*
-
CL30M45-000*
-
24Vct
CL05X45-0CT*
-
-
-
-
100
24
CL05X48-000*
CL10A48-000*
-
CL15B48-000*
-
CL20C48-000*
-
CL30M48-000*
-
24Vct
CL05X48-0CT*
-
-
-
-
220
24
CL05X49-000*
CL10A49-000*
-
CL15B49-000*
-
CL20C49-000*
-
CL30M49-000*
-
24Vct
CL05X49-000*
-
-
-
-
115
24
CL05X51-000*
CL10A51-000*
-
CL15B51-000*
-
CL20C51-000*
-
CL30M51-000*
-
24Vct
CL05X51-0CT*
-
-
-
-
265
24
CL05X52-000*
CL10A52-000*
CL15B52-000*
CL20C52-000*
CL30M52-000*
-
24Vct
CL05X52-0CT*
CL10A52-0CT*
CL15B52-0CT*
CL20C52-0CT*
-
346
24
CL05X53-000*
-
CL10A53-000*
-
CL15B53-000*
-
CL20C53-000*
-
CL30M53-000*
-
208/230/460
24
CL05X54-000*
-
CL10A54-000*
-
CL15B54-000*
-
CL20C54-000*
-
CL30M54-000*
-
400
24
CL05X55-000*
-
-
-
-
-
575/600
24
CL05X56-000*
CL10A56-000*
-
CL20C56-000*
-
CL30M56-000*
-
24Vct
CL05X56-0CT*
-
-
-
-
230/460
24
CL05X59-000*
-
CL10A59-000*
-
-
CL20C59-000*
-
CL30M59-000*
-
115/230
24
CL05X62-000*
CL10A62-000*
-
-
CL20C62-000*
-
CL30M62-000*
-
24Vct
CL05X62-0CT*
-
-
-
-
230
24
CL05X63-000*
CL10A63-000*
-
CL15B63-000*
-
CL20C63-000*
-
CL30M63-000*
-
24Vct
CL05X63-0CT*
-
-
-
-
240/277/480
24
CL05X64-000*
-
CL10A64-000*
-
-
CL20C64-000*
-
CL30M64-000*
-
Sales Office:
10
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
Primary Voltage
COM
110,115,120
200,208,215
220, 230, 240
265, 277
380
400, 415
460, 480
575
600
Color
Black
White
Red
Orange
Brown
Violet
Red/White
Grey
Black/Red
Black/White
Secondary Voltage
COM
12
24
Standard leads: All leads are 12.0” L.O.C (length out of coil) 1/2” strip
Color
Blue
Yellow
Blue
Any application, Any requirement, Contact us for our Custom Designs
* Refer to page number 7. Must complete part number to specify voltages, termination, mounting & fusing.
For custom designs 3 digit customer ID will be added at the end of the part number.
Partial Selection Guide (Continued)
Class 2 UL5085 -3 Transformer
5VA - 30VA, Inherently Energy Limited
Series: CL - Lead Wires & Quick-Connects
Class 2


Similar Part No. - CL20C00-000

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CL200 EXTECH-CL200 Datasheet
149Kb / 9P
   Waterproof Total Residual Chlorine Tester
logo
TEKTRONIX, INC.
CL200 TEKTRONIX-CL200 Datasheet
2Mb / 18P
   Four-channel, Multi-phase AC/DC Power Analyzer
CL200 TEKTRONIX-CL200 Datasheet
1Mb / 8P
   Single Phase AC Power Analyzer Datasheet
logo
LEDTRONICS, INC
CL200-XXX-120D LEDTRONICS-CL200-XXX-120D Datasheet
56Kb / 1P
   CL200-XXX-120D
logo
List of Unclassifed Man...
CL2032 ETC1-CL2032 Datasheet
60Kb / 8P
   2??Tert?뭕utylamino)???뭖hloro????ethylamino)?뭩?뭪riazine
More results

Similar Description - CL20C00-000

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
   Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL40V00-000 WABASH-CL40V00-000 Datasheet
773Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TRIAD MAGNETICS
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
   CLASS 2/3 TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com