Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5529B-L2-F Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # PT5529B-L2-F
Description  Side Face Silicon Phototransistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT5529B-L2-F Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  PT5529B-L2-F Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT5529B-L2-F Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT5529B-L2-F Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT5529B-L2-F Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT5529B-L2-F Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT5529B-L2-F Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT5529B-L2-F Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT5529B-L2-F Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 6 of 8
Device No:CDPT-552-013
Prepared date: 2007/1/6
Prepared by: zhouhong
PT5529B/L2-F
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP.:260℃±5℃
10secs
22pcs
0/1
2
Temperature Cycle
H : +100℃
15mins
5mins
L : -40℃
15mins
300Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
300Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-40℃
1000hrs
22pcs
0/1
6
DC Operating Life
VCE=5V
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IC(ON)≦L×0.8
L:the initial test
value
0/1


Similar Part No. - PT5529B-L2-F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT5529B-L2-F EVERLIGHT-PT5529B-L2-F Datasheet
218Kb / 8P
   Side Face Silicon Phototransistor
More results

Similar Description - PT5529B-L2-F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPLP04RRLA1 EVERLIGHT-EAPLP04RRLA1 Datasheet
461Kb / 7P
   Side Face Silicon Phototransistor
EAPLP04RRAA2 EVERLIGHT-EAPLP04RRAA2 Datasheet
458Kb / 7P
   Side Face Silicon Phototransistor
PT2559B-L2-F EVERLIGHT-PT2559B-L2-F Datasheet
219Kb / 8P
   Side Face Silicon Phototransistor
PT5529B-L2-H2-F EVERLIGHT-PT5529B-L2-H2-F Datasheet
220Kb / 8P
   Side Face Silicon Phototransistor
PT2559B-F EVERLIGHT-PT2559B-F Datasheet
219Kb / 8P
   Side Face Silicon Phototransistor
PT2559B-F EVERLIGHT-PT2559B-F Datasheet
214Kb / 8P
   Side Face Silicon Phototransistor
PT5529B-L2 EVERLIGHT-PT5529B-L2 Datasheet
213Kb / 8P
   Side Face Silicon Phototransistor
PT2559B-L2-H2-F EVERLIGHT-PT2559B-L2-H2-F Datasheet
219Kb / 8P
   Side Face Silicon Phototransistor
PT5529B-L2-F EVERLIGHT-PT5529B-L2-F Datasheet
218Kb / 8P
   Side Face Silicon Phototransistor
PT2559B-L2-H2-F EVERLIGHT-PT2559B-L2-H2-F Datasheet
219Kb / 8P
   Side Face Silicon Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com