Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL3061S1(TA)(P5)-V Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # EL3061S1(TA)(P5)-V
Description  5 PIN DIP ZERO CROSS TRIAC DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL3061S1(TA)(P5)-V Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  EL3061S1(TA)(P5)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL3061S1(TA)(P5)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL3061S1(TA)(P5)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL3061S1(TA)(P5)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL3061S1(TA)(P5)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL3061S1(TA)(P5)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL3061S1(TA)(P5)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL3061S1(TA)(P5)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL3061S1(TA)(P5)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5 PIN DIP ZERO CROSS TRIAC DRIVER
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No
:DPC-0000076 Rev. 1
October 12, 2011
EL303X(P5) Series
EL304X(P5) Series
EL306X(P5) Series
EL308X(P5) Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
-
1.5
V
IF = 30mA
Reverse Leakage current
IR
-
-
10
µA
VR = 6V
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Peak
Blocking
Current
EL303X/304X
IDRM1
-
-
100
nA
VDRM = Rated VDRM
IF = 0mA
EL306X/308X
500
Peak On-state Voltage
VTM
-
-
3
V
ITM=100mA peak, IF=Rated
IFT
Critical Rate
of Rise of
off-state
Voltage
EL303X /304X
/306X
dv/dt
1000
-
-
V/µs
VPEAK =Rated VDRM, IF=0
(Fig. 10)
EL308X
600
-
-
Inhibit Voltage (MT1-MT2
voltage above which device
will not trigger)
VINH
-
-
20
V
IF= Rated IFT
Leakage in lnhibited State
IDRM2
-
-
500
µA
IF= Rated IFT, VDRM=Rated
VDRM, off state
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
LED Trigger
Current
EL3031
EL3041
EL3061
EL3081
IFT
-
-
15
mA
Main terminal Voltage=3V
EL3032
EL3042
EL3062
EL3082
-
-
10
EL3033
EL3043
EL3063
EL3083
-
-
5
Holding Current
IH
-
280
-
µA
* Typical values at Ta = 25°C


Similar Part No. - EL3061S1(TA)(P5)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL3061 EVERLIGHT-EL3061 Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL3061 EVERLIGHT-EL3061 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - EL3061S1(TA)(P5)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X Datasheet
788Kb / 14P
   4 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
ON Semiconductor
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com