Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL-60A Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # SL-60A
Description  No UV or IR light radiation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SL-60A Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  SL-60A Datasheet HTML 1Page - Everlight Electronics Co., Ltd SL-60A Datasheet HTML 2Page - Everlight Electronics Co., Ltd SL-60A Datasheet HTML 3Page - Everlight Electronics Co., Ltd SL-60A Datasheet HTML 4Page - Everlight Electronics Co., Ltd SL-60A Datasheet HTML 5Page - Everlight Electronics Co., Ltd SL-60A Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LifecyclePhase:
Revision
: 6
Expired Period: Forever
Release Date:2011-06-10 14:48:53.0
DATASHEET
RETROFIT
A60 / A19
4
Copyright © 2010, Everlight All Rights Reserved.
Release Date : Jan.06.2011
Issue No: DBM-0000131
Luminance and Technical Data
Product Name
SL-60A/C/P08/OM/E30/ND/27/UNI/EU/S
SL-60A/C/P08/OM/E30/ND/27/UNI/EU/G
SL-60A/C/P08/OM/E30/ND/26/UNI/US/S
SL-60A/C/P08/OM/E30/ND/26/UNI/US/G
SL-60A/C/P08/OM/E50/ND/27/UNI/EU/S
SL-60A/C/P08/OM/E50/ND/27/UNI/EU/G
SL-60A/C/P08/OM/E50/ND/26/UNI/US/S
SL-60A/C/P08/OM/E50/ND/26/UNI/US/G
Product Family
Retrofit
Retrofit
Main Use
Office, commercial, residential and hospitality
lighting
Office, commercial, residential and hospitality
lighting
InputVoltage/
Frequency
100 – 240VAC / 50 – 60Hz
100 – 240VAC / 50 – 60Hz
Power
Consumption
8W
8W
Dim ability
No
No
Mechanical
Dimensions
Ø59.5 x 111.4mm
Ø59.5 x 111.4mm
Maximum Weight
180g
180g
Light Color
Warm white / 3000K
Daylight white / 5000K
Luminous Flux
(Typ)
400lm
470lm
Beam Angle
Omni directional
Omni directional
CRI
> 80
> 80
Storage Temperature
-30℃ – +80℃
-30℃ – +80℃
Luminous Flux measurement tolerance: ±10%
Luminance and Technical Data
Product Name
SL-60A/C/P08/OM/E30/TD/27/HAC/EU/S/ZN
SL-60A/C/P08/OM/E30/TD/27/HAC/EU/G/ZN
SL-60A/C/P08/OM/E30/TD/26/LAC/US/S/ZN
SL-60A/C/P08/OM/E30/TD/26/LAC/US/G/ZN
SL-60A/C/P08/OM/E50/TD/27/HAC/EU/S/ZN
SL-60A/C/P08/OM/E50/TD/27/HAC/EU/G/ZN
SL-60A/C/P08/OM/E50/TD/26/LAC/US/S/ZN
SL-60A/C/P08/OM/E50/TD/26/LAC/US/G/ZN
Product Family
Retrofit
Retrofit
Main Use
Office, commercial, residential and hospitality
lighting
Office, commercial, residential and hospitality lighting
Input Voltage/
Frequency
100 – 240VAC / 50 – 60Hz
100 – 240VAC / 50 – 60Hz
Power
Consumption
8W
8W
Dim ability
Yes
Yes
Mechanical
Dimensions
Ø59.5 x 111.4mm
Ø59.5 x 111.4mm
Maximum Weight
180g
180g
Light Color
Warm white / 3000K
Daylight white / 5000K
Luminous Flux
(Typ)
400lm
470lm
Beam Angle
Omni directional
Omni directional
CRI
> 80
> 80
Storage Temp
-30℃ – +80℃
-30℃ – +80℃
Luminous Flux measurement tolerance: ±10%


Similar Part No. - SL-60A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SL-630 TEC-SL-630 Datasheet
142Kb / 3P
   High/low liquid level monitor
SL-630-C01 TEC-SL-630-C01 Datasheet
142Kb / 3P
   High/low liquid level monitor
More results

Similar Description - SL-60A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SL-16D EVERLIGHT-SL-16D Datasheet
363Kb / 6P
   No UV or IR light radiation
SL-16E EVERLIGHT-SL-16E Datasheet
285Kb / 5P
   No UV or IR light radiation
SL-10A EVERLIGHT-SL-10A Datasheet
370Kb / 5P
   No UV or IR light radiation
OL-DANGLE-FRAME EVERLIGHT-OL-DANGLE-FRAME Datasheet
308Kb / 3P
   No UV light radiation
logo
AMIC Technology
ASR8600 AMICC-ASR8600 Datasheet
244Kb / 14P
   Ambient Light, Solar-UV, IR and Proximity Sensor
logo
Hamamatsu Corporation
L7893 HAMAMATSU-L7893 Datasheet
202Kb / 2P
   UV-VIS FIBER LIGHT SOURCE
L12848-305 HAMAMATSU-L12848-305_15 Datasheet
1Mb / 2P
   uv cathode emitting light source
S2592 HAMAMATSU-S2592 Datasheet
132Kb / 4P
   Si photodiode Thermoelectrically cooled photodiode for low-light-level detection in UV to near IR
L12515 HAMAMATSU-L12515_15 Datasheet
159Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE (UV Enhanced Type)
S1337 HAMAMATSU-S1337 Datasheet
136Kb / 4P
   Si photodiode For UV to IR, precision photometry
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com