Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF3065NV3.2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # PEF3065NV3.2
Description  Signal Processing Subscriber Line Interface Codec Filter SLICOF
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEF3065NV3.2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button PEF3065NV3.2 Datasheet HTML 2Page - Siemens Semiconductor Group PEF3065NV3.2 Datasheet HTML 3Page - Siemens Semiconductor Group PEF3065NV3.2 Datasheet HTML 4Page - Siemens Semiconductor Group PEF3065NV3.2 Datasheet HTML 5Page - Siemens Semiconductor Group PEF3065NV3.2 Datasheet HTML 6Page - Siemens Semiconductor Group PEF3065NV3.2 Datasheet HTML 7Page - Siemens Semiconductor Group PEF3065NV3.2 Datasheet HTML 8Page - Siemens Semiconductor Group PEF3065NV3.2 Datasheet HTML 9Page - Siemens Semiconductor Group PEF3065NV3.2 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
P-LCC-44
Semiconductor Group
6
01.98
Signal Processing
Subscriber Line Interface Codec Filter
SLICOFI
®
PEB 3065
PEF 3065
Data Sheet for the Version 3.2
CMOS
Type
Package
PEB 3065N V3.2
P-LCC-44 / Tube
PEB 3065N V3.2
P-LCC-44 / Tape in Real
PEF 3065N V3.2
P-LCC-44 / Tape in Real
1.1
Features
• Single chip CODEC and FILTER including all LOW
VOLTAGE SLIC functions
• Only few external components required
• No trimming or adjustments required
• Specification according to relevant CCITT, LSSGR
and DBP recommendations
• Digital signal processing technique
• Advanced low power 1
µm BiCMOS1) technology
• PCM encoded digital voice transmission (A-Law or
µ-Law)
• Four pin serial IOM-2 Interface
• Standard P-LCC-44 package
• High performance AD and DA Conversion
• Programmable digital filters for
– Impedance matching
– Transhybrid balancing
– Frequency response
–Gain
• Advanced test capabilities
– Integrated line and circuit tests
– Two programmable tone generators
• Optimized HV-SLIC Interface
• Fully digital programmable DC-Characteristic
– Programmable Constant Current from 0-70 mA
– Programmable Resistive Values from 0-2
× 500 Ω
• Programmable Integrated Teletax Injection and Filtering during Conversation and
Onhook
– Programmable up to 125 mVrms (5 Vrms at ab-wire)
– Programmable frequency 12/16 kHz
1)
Abbreviations see chapter 10.4.


Similar Part No. - PEF3065NV3.2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PEF32001VTV1.1 INTEL-PEF32001VTV1.1 Datasheet
475Kb / 2P
   DUSLIC™-XS Lantiq‘s Next Generation Voice CPE Solution
PEF32001VV1.1 INTEL-PEF32001VV1.1 Datasheet
475Kb / 2P
   DUSLIC™-XS Lantiq‘s Next Generation Voice CPE Solution
PEF32002VTV1.1 INTEL-PEF32002VTV1.1 Datasheet
475Kb / 2P
   DUSLIC™-XS Lantiq‘s Next Generation Voice CPE Solution
logo
Infineon Technologies A...
PEF3394E-V2.2 INFINEON-PEF3394E-V2.2 Datasheet
339Kb / 2P
   Enhanced Next Generation Analog Telephony Solutions
PEF3452 INFINEON-PEF3452 Datasheet
1Mb / 71P
   Line Interface Unit for DS3, STS 1 and E3
V 1.3 December 2001
More results

Similar Description - PEF3065NV3.2

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
   SUBSCRIBER LINE INTERFACE MODULE
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com