Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL50AW47-000 Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # CL50AW47-000
Description  Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL50AW47-000 Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  CL50AW47-000 Datasheet HTML 1Page - Wabash Transformer Inc. CL50AW47-000 Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Wire Details:
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
15
Any application, Any requirement, Contact us for our Custom Designs
Primary
Voltage
Secondary
Voltage
40 VA
Size - 7/8” X 7/8”
50 VA
Size - 7/8” X 7/8”
50 VA
Size - 7/8” X 1-1/4”
UL
UL
UL
208/230
24
CL40E00-000*
-
-
120
24
CL40E01-000*
CL50LP01-000*
CL50AW01-000*
-
277
24
CL40E02-000*
CL50LP02-000*
CL50AW02-000*
-
120/208/240
24
CL40E03-000*
CL50LP03-000*
CL50AW03-000*
-
480
24
CL40E04-000*
CL50LP04-000*
CL50AW04-000*
-
120/208/240/480
24
CL50AW05-000*
-
-
600
24
CL40E06-000*
CL50LP06-000*
CL50AW06-000*
-
120/240
24
CL40E07-000*
CL50LP07-000*
CL50AW07-000*
-
-
380
24
CL40E09-000*
CL50LP09-000*
CL50AW09-000*
-
-
240
24
CL40E40-000*
CL50LP40-000*
CL50AW40-000*
-
208/240
24
CL40E15-000*
CL50LP15-000*
CL50AW15-000*
-
25
CL40E61-000*
CL50LP61-000*
CL50AW61-000*
-
-
415
24
CL40E16-000*
-
-
-
380/415
24
CL40E17-000*
CL50LP17-000*
CL50AW17-000*
-
-
575
24
CL40E21-000*
CL50LP21-000*
CL50AW21-000*
-
-
215/230
24
CL40E22-000*
CL50LP22-000*
CL50AW22-000*
-
208/240/277
24
CL40E23-000*
-
-
-
240/480
24
CL40E24-000*
CL50AW24-000*
-
-
380/415/575
24
CL40E27-000*
-
-
-
460
24
CL40E28-000*
-
-
-
480/575
24
CL40E30-000*
CL50LP30-000*
CL50AW30-000*
-
-
120/208/240/277
24
CL40E36-000*
-
-
-
120/277
24
CL40E41-000*
CL50LP41-000*
CL50AW41-000*
-
-
208/277/480
24
CL40E42-000*
-
-
-
277/380/415
24
CL40E43-000*
-
-
-
208/240/480
24
CL40E44-000*
CL50LP44-000*
CL50AW44-000*
-
-
208
24
CL40E45-000*
CL50LP45-000*
CL50AW45-000*
-
-
220/240
24
CL40E47-000*
CL50LP47-000*
CL50AW47-000*
-
-
100
24
CL40E48-000*
CL50LP48-000*
CL50AW48-000*
-
220
24
CL40E49-000*
CL50LP49-000*
CL50AW49-000*
-
-
115
24
CL40E51-000*
CL50LP51-000*
CL50AW51-000*
-
-
265
24
CL40E52-000*
CL50LP52-000*
CL50AW52-000*
-
-
346
24
CL40E53-000*
CL50LP53-000*
CL50AW53-000*
-
-
208/230/460
24
CL40E54-000*
CL50LP54-000*
CL50AW54-000*
-
-
400
24
CL40E55-000*
CL50LP55-000*
CL50AW55-000*
-
-
575/600
24
CL40E56-000*
-
-
-
200/230/460
24
CL40E58-000*
CL50LP58-000*
CL50AW58-000*
-
-
230/460
24
CL40E59-000*
CL50LP59-000*
CL50AW59-000*
-
-
380/460
24
CL40E60-000*
CL50LP60-000*
CL50AW60-000*
-
-
115/230
24
CL40E62-000*
-
-
-
230
24
CL40E63-000*
-
-
-
240/277/480
24
CL40E64-000*
-
-
-
Partial Selection Guide
Primary Voltage
COM
110,115,120
200,208,215
220, 230, 240
265, 277
380
400, 415
460, 480
575
600
Color
Black
White
Red
Orange
Brown
Violet
Red/White
Grey
Black/Red
Black/White
Secondary Voltage
COM
12
24
Standard leads: All leads are 12.0” L.O.C (length out of coil) 1/2” strip
Color
Blue
Yellow
Blue
Class 2 UL5085 -3 Transformer
40VA - 50VA, Core 7/8”, Inherently Energy Limited
Series: CL - Lead Wires & Quick-Connects
* Refer to page number 7. Must complete part number to specify voltages, termination, mounting & fusing.
For custom designs 3 digit customer ID will be added at the end of the part number.
Class 2


Similar Part No. - CL50AW47-000

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL50AW47-0CT WABASH-CL50AW47-0CT Datasheet
834Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
More results

Similar Description - CL50AW47-000

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
   Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL40V00-000 WABASH-CL40V00-000 Datasheet
773Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
   Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
   Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
   Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
   Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
   Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TRIAD MAGNETICS
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
   CLASS 2/3 TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com