Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDE-80L-18 Datasheet(PDF) 3 Page - Wabash Transformer Inc.

Part # VDE-80L-18
Description  International Power Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

VDE-80L-18 Datasheet(HTML) 3 Page - Wabash Transformer Inc.

  VDE-80L-18 Datasheet HTML 1Page - Wabash Transformer Inc. VDE-80L-18 Datasheet HTML 2Page - Wabash Transformer Inc. VDE-80L-18 Datasheet HTML 3Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VA
Part Number
Secondary
115/230V
115V
230V
Series
Parallel
130
VDE-130L-10
VDE1-130L-10
VDE2-130L-10
10VCT @ 13.00A
5V @ 26.00A
VDE-130L-126
VDE1-130L-126
VDE2-130L-126
12.6VCT @ 10.31A
6.3V @ 20.63A
VDE-130L-16
VDE1-130L-16
VDE2-130L-16
16VCT @ 8.125A
8V @ 16.25A
VDE-130L-18
VDE1-130L-18
VDE2-130L-18
18VCT @ 7.22A
9V @ 14.44A
VDE-130L-20
VDE1-130L-20
VDE2-130L-20
20VCT @ 6.50A
10V @ 13.00A
VDE-130L-24
VDE1-130L-24
VDE2-130L-24
24VCT @ 5.41A
12V @ 10.83A
VDE-130L-28
VDE1-130L-28
VDE2-130L-28
28VCT @ 4.64A
14V @ 9.28A
VDE-130L-36
VDE1-130L-36
VDE2-130L-36
36VCT @ 3.61A
18V @ 7.22A
VDE-130L-230
VDE1-130L-230
VDE2-130L-230
230VCT @ 565mA
115V @ 1.13A
150
VDE-150L-10
VDE1-150L-10
VDE2-150L-10
10VCT @ 15.00A
5V @ 30.00A
VDE-150L-126
VDE1-150L-126
VDE2-150L-126
12.6VCT @ 11.90A
6.3V @ 23.80A
VDE-150L-16
VDE1-150L-16
VDE2-150L-16
16VCT @ 9.375A
8V @ 18.75A
VDE-150L-18
VDE1-150L-18
VDE2-150L-18
18VCT @ 8.33A
9V @ 16.66A
VDE-150L-20
VDE1-150L-20
VDE2-150L-20
20VCT @ 7.50A
10V @ 15.00A
VDE-150L-24
VDE1-150L-24
VDE2-150L-24
24VCT @ 6.25A
12V @ 12.50A
VDE-150L-28
VDE1-150L-28
VDE2-150L-28
28VCT @ 5.35A
14V @ 10.71A
VDE-150L-36
VDE1-150L-36
VDE2-150L-36
36VCT @ 4.16A
18V @ 8.33A
VDE-150L-230
VDE1-150L-230
VDE2-150L-230
230VCT @ 652mA
115V @ 1.30A
175
VDE-175L-10
VDE1-175L-10
VDE2-175L-10
10VCT @ 17.50A
5V @ 35.00A
VDE-175L-126
VDE1-175L-126
VDE2-175L-126
12.6VCT @ 13.88A
6.3V @ 27.77A
VDE-175L-16
VDE1-175L-16
VDE2-175L-16
16VCT @ 10.93A
8V @ 21.87A
VDE-175L-18
VDE1-175L-18
VDE2-175L-18
20VCT @ 9.72A
9V @ 19.44A
VDE-175L-20
VDE1-175L-20
VDE2-175L-20
24VCT @ 8.75A
10V @ 17.50A
VDE-175L-24
VDE1-175L-24
VDE2-175L-24
24VCT @ 7.29A
12V @ 14.58A
VDE-175L-28
VDE1-175L-28
VDE2-175L-28
28VCT @ 6.25A
14V @ 12.50A
VDE-175L-36
VDE1-175L-36
VDE2-175L-36
36VCT @ 4.86A
18V @ 9.72A
VDE-175L-230
VDE1-175L-230
VDE2-175L-230
230VCT @ 760mA
115V @ 1.52A
Partial Selection Guide (Continued)
Sales Office:
42
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
International Power Transformer
Series: VDE - Lead Wires
All models are VDE approved
Any application, Any requirement, Contact us for our Custom Designs


Similar Part No. - VDE-80L-18

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE-80T-10 WABASH-VDE-80T-10 Datasheet
651Kb / 2P
   International Power Transformer
VDE-80T-126 WABASH-VDE-80T-126 Datasheet
651Kb / 2P
   International Power Transformer
VDE-80T-16 WABASH-VDE-80T-16 Datasheet
651Kb / 2P
   International Power Transformer
VDE-80T-18 WABASH-VDE-80T-18 Datasheet
651Kb / 2P
   International Power Transformer
VDE-80T-20 WABASH-VDE-80T-20 Datasheet
651Kb / 2P
   International Power Transformer
More results

Similar Description - VDE-80L-18

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE-025P-10 WABASH-VDE-025P-10 Datasheet
741Kb / 2P
   International Power Transformer
VDE-10T-10 WABASH-VDE-10T-10 Datasheet
782Kb / 3P
   International Power Transformer
logo
PowerVolt Inc.
14P-56-24 POWERVOLT-14P-56-24 Datasheet
70Kb / 1P
   International Power transformer
logo
Wabash Transformer Inc.
VDE-25P-10 WABASH-VDE-25P-10 Datasheet
778Kb / 2P
   International Power Transformer
VDE-10L-10 WABASH-VDE-10L-10 Datasheet
750Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
P41-43-10 POWERVOLT-P41-43-10 Datasheet
307Kb / 1P
   INTERNATIONAL POWER TRANSFORMER
logo
Wabash Transformer Inc.
VDE-80T-10 WABASH-VDE-80T-10 Datasheet
651Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
PCL2-20-24 POWERVOLT-PCL2-20-24 Datasheet
451Kb / 1P
   INTERNATIONAL CLASS 2 POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-61001 RHOMBUS-IND-T-61001 Datasheet
27Kb / 1P
   Low Profile International Series Power Transformer
logo
Bel Fuse Inc.
2776D BEL-2776D Datasheet
27Kb / 2P
   ADSL MAGNETICS International Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com