Electronic Components Datasheet Search |
|
MCM63P736ZP66 Datasheet(PDF) 1 Page - Motorola, Inc |
|
MCM63P736ZP66 Datasheet(HTML) 1 Page - Motorola, Inc |
1 / 20 page MCM63P736 •MCM63P818 1 MOTOROLA FAST SRAM Product Preview 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM The MCM63P736 and MCM63P818 are 4M bit synchronous fast static RAMs designed to provide a burstable, high performance, secondary cache for the PowerPC ™ and other high performance microprocessors. The MCM63P736 is organized as 128K words of 36 bits each and the MCM63P818 is organized as 256K words of 18 bits each. These devices integrate input registers, an output register, a 2–bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous de- sign allows precise cycle control with the use of an external clock (K). Addresses (SA), data inputs (DQx), and all control signals except output enable (G), sleep mode (ZZ), and linear burst order (LBO) are clock (K) controlled through positive–edge–triggered noninverting registers. Bursts can be initiated with either ADSP or ADSC input pins. Subsequent burst addresses can be generated internally by the MCM63P736 and MCM63P818 (burst sequence operates in linear or interleaved mode dependent upon the state of LBO) and controlled by the burst address advance (ADV) input pin. Write cycles are internally self–timed and are initiated by the rising edge of the clock (K) input. This feature eliminates complex off–chip write pulse generation and provides increased timing flexibility for incoming signals. Synchronous byte write (SBx), synchronous global write (SGW), and synchro- nous write enable (SW) are provided to allow writes to either individual bytes or to all bytes. The bytes are designated as “a”, “b”, etc. SBa controls DQa, SBb con- trols DQb, etc. Individual bytes are written if the selected byte writes SBx are as- serted with SW. All bytes are written if either SGW is asserted or if all SBx and SW are asserted. For read cycles, pipelined SRAMs output data is temporarily stored by an edge–triggered output register and then released to the output buffers at the next rising edge of clock (K). The MCM63P736 and MCM63P818 operate from a 3.3 V core power supply and all outputs operate on a 2.5 V or 3.3 V power supply. All inputs and outputs are JEDEC standard JESD8–5 compatible. • MCM63P736/MCM63P818–133 = 4 ns Access/7.5 ns Cycle (133 MHz) MCM63P736/MCM63P818–100 = 5 ns Access/10 ns Cycle (100 MHz) MCM63P736/MCM63P818–66 = 7 ns Access/15 ns Cycle (66 MHz) • 3.3 V + 10%, – 5% Core Power Supply, 2.5 V or 3.3 V I/O Supply • ADSP, ADSC, and ADV Burst Control Pins • Selectable Burst Sequencing Order (Linear/Interleaved) • Two–Cycle Deselect Timing • Internally Self–Timed Write Cycle • Byte Write and Global Write Control • Sleep Mode (ZZ) • PB1 Version 2.0 Compatible • JEDEC Standard 119–Pin PBGA and 100–Pin TQFP Packages The PowerPC name is a trademark of IBM Corp., used under license therefrom. This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice. Order this document by MCM63P736/D MOTOROLA SEMICONDUCTOR TECHNICAL DATA MCM63P736 MCM63P818 ZP PACKAGE PBGA CASE 999–01 TQ PACKAGE TQFP CASE 983A–01 10/8/97 © Motorola, Inc. 1997 |
Similar Part No. - MCM63P736ZP66 |
|
Similar Description - MCM63P736ZP66 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |