Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6709BRJ7 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM6709BRJ7
Description  64K x 4 Bit Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6709BRJ7 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM6709BRJ7 Datasheet HTML 1Page - Motorola, Inc MCM6709BRJ7 Datasheet HTML 2Page - Motorola, Inc MCM6709BRJ7 Datasheet HTML 3Page - Motorola, Inc MCM6709BRJ7 Datasheet HTML 4Page - Motorola, Inc MCM6709BRJ7 Datasheet HTML 5Page - Motorola, Inc MCM6709BRJ7 Datasheet HTML 6Page - Motorola, Inc MCM6709BRJ7 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MCM6709BR
3
MOTOROLA FAST SRAM
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Max
Unit
Address Input Capacitance
Cin
5
pF
Control Pin Input Capacitance(E, G, W)
Cin
6
pF
Input/Output Capacitance
CI/O
6
pF
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
2 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . .
Output Load
See Figure 1a
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ CYCLES 1 AND 2 (See Notes 1 and 2)
MCM6709BR–6
MCM6709BR–7
MCM6709BR–8
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
6
7
8
ns
3
Address Access Time
tAVQV
6
7
8
ns
Chip Enable Access Time
tELQV
6
7
8
ns
Output Enable Access Time
tGLQV
4
4
4
ns
Output Hold from Address Change
tAXQX
3
3
3
ns
Chip Enable Low to Output Active
tELQX
3
3
3
ns
4, 5, 6
Output Enable Low to Output Active
tGLQX
0
0
0
ns
4, 5, 6
Chip Enable High to Output High–Z
tEHQZ
3
3.5
3.5
ns
4, 5, 6
Output Enable High to Output High–Z
tGHQZ
3
3.5
3.5
ns
4, 5, 6
NOTES:
1. W is high for read cycle.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. All read cycle timings are referenced from the last valid address to the first transitioning address.
4. At any given voltage and temperature, tEHQZ max is less than tELQX min, and tGHQZ max is less than tGLQX min, both for a given
device and from device to device.
5. Transition is measured 200 mV from steady–state voltage with load of Figure 1b.
6. This parameter is sampled and not 100% tested.
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
(a)
(b)
5 pF
+5 V
OUTPUT
255
480
The table of timing values shows either a
minimum or a maximum limit for each param-
eter. Input requirements are specified from
the external system point of view. Thus, ad-
dress setup time is shown as a minimum
since the system must supply at least that
much time. On the other hand, responses
from the memory are specified from the de-
vice point of view. Thus, the access time is
shown as a maximum since the device never
provides data later than that time.
TIMING LIMITS
Figure 1. AC Test Loads


Similar Part No. - MCM6709BRJ7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BJ10 MOTOROLA-MCM6709BJ10 Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BJ10R MOTOROLA-MCM6709BJ10R Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BJ12 MOTOROLA-MCM6709BJ12 Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BJ12R MOTOROLA-MCM6709BJ12R Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
More results

Similar Description - MCM6709BRJ7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com