Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBMH380-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBMH380-G
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMH380-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBMH380-G Datasheet HTML 1Page - Comchip Technology CDBMH380-G Datasheet HTML 2Page - Comchip Technology CDBMH380-G Datasheet HTML 3Page - Comchip Technology CDBMH380-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-BB034
REV:B
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CDBMH320-G Thru. CDBMH3100-G)
Fig.2 - Typical Forward Characteristics
Forward Voltage, (V)
.1
Fig.5 - Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
0
120
200
Fig.4 - Typical Junction Capacitance
0
Reverse Voltage, (V)
300
700
0.01
1
0.01
10
100
1.5
100
Fig.1 - Typical Forward Current
0
Ambient Temperature, ( °C )
2.0
1.5
0.1
0
140
80
0.01
1
10
100
0.1
0.3
0.5
0.9
1.1
100
400
600
1.0
40
80
160
1
40
100
2.5
3.0
O
TJ=75 C
O
TJ=25 C
0.5
0.1
10
200
500
120
20
60
Fig.3 - Maximum Non-repetitive
Forward Surge Current
0
Number of Cycles at 60Hz
100
1
10
100
40
80
20
60
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
SMD Schottky Barrier Rectifiers
f=1MHz
Applied 4VDC
reverse voltage
TJ=25°C
Pulse Width 300uS
1% Duty Cycle
0.7
1.3
CD
BM
H3
20
-G
~3
40
-G
CD
BM
H3
50
-G
~3
60
-G
CD
BM
H3
80
-G
~3
10
0-G
160
Derating Curve


Similar Part No. - CDBMH380-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMH380-HF COMCHIP-CDBMH380-HF Datasheet
169Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMH380-HF COMCHIP-CDBMH380-HF Datasheet
102Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMH380-HF COMCHIP-CDBMH380-HF Datasheet
169Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBMH380-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com