Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDV-012-20 Datasheet(PDF) 1 Page - Wabash Transformer Inc.

Part # PDV-012-20
Description  Small Size Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

PDV-012-20 Datasheet(HTML) 1 Page - Wabash Transformer Inc.

  PDV-012-20 Datasheet HTML 1Page - Wabash Transformer Inc. PDV-012-20 Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sales Office:
52
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
Small Size Power Transformer
Series: PSV & PDV - Printed Circuit Mount, Vertical
Power Rating 1.0VA to 24VA
Single or Dual Primary, 115V or 115/230V
Frequency 50/60HZ
Series or Parallel Secondary
Dielectric Strength – 1500 Vrms
Insulation Class B (130°C)
Mounting Brackets (See Dim. Table)
Agency Approvals:
UL/cUL 5085-2 Recognized (File E47299)
Insulation File No. E95662
VA
Rating
Dimensions (Inches)
Optional Bracket
Weight
Oz.
L
W
H
A-6
A-8
B
No.
MW
MD
1.0
1.00
1.375
0.830
0.250
0.200
1.200
-
-
-
2.50
1.2
1.375
1.125
1.188
0.312
0.200
1.000
-
-
-
3
2
1.000
1.375
0.830
0.250
0.200
1.200
-
-
-
3
5
1.625
1.250
1.375
0.400
0.250
1.100
-
-
-
5
10
1.875
1.438
1.625
0.400
0.250
1.300
10-BKT
1.641
1.125
9
15
1.875
1.438
1.625
0.400
0.250
1.425
10-BKT
1.641
1.125
9
24
1.625
2.250
1.375
0.400
0.250
2.100
24-BKT
1.375
2.000
12
Single Primary
Dual Primary
● Indicates Like Polarity
Any application, Any requirement, Contact us for our Custom Designs
Primaries and Secondaries are designed to be used
simultaneously. That is, they must be used either
series or parallel connected (as one winding). Same
applies to secondaries also.


Similar Part No. - PDV-012-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDV-C173SM ETC2-PDV-C173SM Datasheet
143Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
Advanced Photonix, Inc.
PDV-C173SM ADVANCEDPHOTONIX-PDV-C173SM Datasheet
93Kb / 1P
   Photodiode in Plastic Surface Mount
PDV-P5001 ADVANCEDPHOTONIX-PDV-P5001 Datasheet
46Kb / 1P
   CdS Photoconductive Photocells
PDV-P5002 ADVANCEDPHOTONIX-PDV-P5002 Datasheet
47Kb / 1P
   CdS Photoconductive Photocells
PDV-P5003 ADVANCEDPHOTONIX-PDV-P5003 Datasheet
46Kb / 1P
   CdS Photoconductive Photocells
More results

Similar Description - PDV-012-20

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST1086HF BOTHHAND-16ST1086HF Datasheet
675Kb / 3P
   10/100 BASE-T TRANSFORMER (SMD) SMALL SIZE
logo
TE Connectivity Ltd
3520 TEC-3520 Datasheet
129Kb / 2P
   Small Size to Power Ratio
logo
Ohmite Mfg. Co.
250 OHMITE-250 Datasheet
360Kb / 3P
   Small size-to-power ratio.
logo
RF Monolithics, Inc
SF2190B RFM-SF2190B Datasheet
626Kb / 5P
   Small Size
logo
Texas Instruments
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
logo
Murata Manufacturing Co...
BLM15HB121SZ1 MURATA1-BLM15HB121SZ1_V01 Datasheet
241Kb / 3P
   Small size: 1.0x0.5mm
Last updated06/30/2022
DLW21SH391XQ2 MURATA1-DLW21SH391XQ2 Datasheet
583Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
logo
Skyworks Solutions Inc.
AAT1184 SKYWORKS-AAT1184 Datasheet
3Mb / 18P
   Small Solution Size
logo
Murata Manufacturing Co...
DLW21SH121HQ2 MURATA1-DLW21SH121HQ2 Datasheet
583Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
DLW21SN900HQ2 MURATA1-DLW21SN900HQ2_V01 Datasheet
392Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com