Selected language     English  â–¼


Q-67106-H6514 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. Q-67106-H6514
Description  PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 4 page
background image
30% 5
376623
3'62
30%7
Semiconductor Group
4
02.97
3//)UHTXHQF\ 6\QWKHVL]HU
30%530%7
9HUVLRQ
%LSRODU ,&
The PMB 2306T PLL is a high speed CMOS IC, especially designed for use in battery powered
radio equipment and mobile telephones. The primary applications will be in digital systems e.g.
GSM, PCN, ADC, JDC and DECT systems. The wide range of dividing ratios also allows application
in modern analog systems
7\SH
9HUVLRQ
2UGHULQJ &RGH
3DFNDJH
PMB 2306T
V2.2
Q67100-H6423
P-DSO-14 (SMD)
PMB 2306T
V2.2
Q67106-H6423
P-DSO-14 (SMD, Tape & Reel)
PMB 2306R
V2.2
Q-67106-H6514 (T&R)
P-TSSOP-16 (SMD, T&R)
• Serial control (3-wire bus: data, clock, enable) for fast programming (
I
max
~ 10 MHz)
• Switchable polarity and phase detector current programmable
• 2 Multifunction outputs
• Digital phase detector output signals (e.g. for external charge pump)
•
I
rn,
I
vn outputs of the R and N scalers
• Port 1 output (e.g. for standby of the prescaler)
• External current setting for PD output
• Lock detect output with gated anti-backlash pulse (quasi digital lock detect)

2YHUYLHZ

)HDWXUHV
• Low operating current consumption
(typically 3.5 mA)
• High input sensitivity, high input frequencies
(220 MHz)
• Extremely fast phase detector without dead zone
• Linearization of the phase detector output by current
sources
• Synchronous programming of the counters
(n-, n/a-, r-counters) and system parameters
• Fast modulus switchover for 65-MHz operation
• Switchable modulus trigger edge
• Large dividing ratios for small channel spacing
A scaler 0 to 127
N scaler 3 to 16.380
R scaler 3 to 65.535




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SA9025900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer 1 2 3 4 5 MoreNXP Semiconductors
TBB200PLL-Frequency Synthesizer with I2C Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
PMB2304RPLL-FREQUENCY SYNTHESIZER 1 2 3 4 5 MoreInfineon Technologies AG
HMC400MS8HIGH IP3 GaAs MMIC MIXER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MAX5916ADual PCI 2.2 Hot-Swap Controllers 1 2 3 4 5 MoreMaxim Integrated Products
HMC-C00815 WATT POWER AMPLIFIER MODULE 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
M37225M6SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ADF4252Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
UPD7759ADPCM SPEECH SYNTHESIZER LSIs 1 2 3 4 5 MoreNEC
LMX2310UPLLatinumâ„¢ Ultra Low Power Frequency Synthesizer for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl