Selected language     English  â–Ľ


Q-67106-H6514 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. Q-67106-H6514
Description  PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 6 page
background image
30%530%7
2YHUYLHZ
Semiconductor Group
6
02.97

3LQ 'HILQLWLRQVDQG )XQFWLRQV
7DEOH
'62 76623 6\PERO )XQFWLRQ
66
9
DD
Positive supply voltage for serial control logic.
22
9
SS
Ground for serial control logic.
11
13
9
DD
1
Positive supply voltage for the preamplifiers, counters, phase
detector and charge pump.
911
9
SS
1
Ground for the preamplifiers, counters, phase detector and
charge pump.
(
1RWH 7KHSLQV
9'' DQG 9'' UHVSHFWLYHO\ 966 DQG 966
KDYH WRKDYH WKH VDPHVXSSO\ YROWDJH.)
33
EN
/LQH%XV (QDEOH
Enable line of the serial control with internal pull-up resistor.
When EN = H the input signals CLK and DA are disabled
internally. When EN = L the serial control is activated. The
received data are transferred into the latches with the positive
edge of the EN-signal.
44
DA
/LQH%XV 'DWD
Serial data input with internal pull-up resistor. The last two bits
before the EN-signal define the destination address. In a byte-
oriented data structure the transmitted data have to end with
the EN-signal, i.e. bits to be filled in (don’t care) are transmitted
first.
55
CLK
/LQH%XV &ORFN
Clock line with internal pull-up resistor. The serial data are read
into the internal shift register with the positive edge (see pulse
diagram for serial data control).
77
MOD
0RGXOXV&RQWURO2XWSXW for external dual modulus prescaler.
The modulus output is low at the beginning of the cycle. When
the a-counter has reached its set value, MOD switches to high.
When the n-counter has reached its set value, MOD switches to
low again, and the cycle starts from the top. When the prescaler
has the counter factor P or P + 1 (P for MOD = H, P +1 for MOD
= L), the overall scaling factor is NP + A. The value of the a-
counter must be smaller than that of the n-counter. The trigger
edge of the modulus signal to the input signal can be selected
(see programming tables and MOD
A, B) according to the needs of the prescaler. In single modulus
operation and for standby operation in dual modulus operation,
the output is low.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SA9025900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer 1 2 3 4 5 MoreNXP Semiconductors
TBB200PLL-Frequency Synthesizer with I2C Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
PMB2304RPLL-FREQUENCY SYNTHESIZER 1 2 3 4 5 MoreInfineon Technologies AG
HMC400MS8HIGH IP3 GaAs MMIC MIXER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MAX5916ADual PCI 2.2 Hot-Swap Controllers 1 2 3 4 5 MoreMaxim Integrated Products
HMC-C00815 WATT POWER AMPLIFIER MODULE 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
M37225M6SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ADF4252Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
UPD7759ADPCM SPEECH SYNTHESIZER LSIs 1 2 3 4 5 MoreNEC
LMX2310UPLLatinum™ Ultra Low Power Frequency Synthesizer for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl