Selected language     English  â–¼


Q-67106-H6514 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part No. Q-67106-H6514
Description  PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 7 page
background image
30%530%7
2YHUYLHZ
Semiconductor Group
7
02.97
810
FI
9&2)UHTXHQF\
Input with highly sensitive preamplifier for 14-bit n-counter and
7-bit a-counter. With small input signals AC coupling must be
set up, where DC coupling can be used for large input signals.
11
RI
5HIHUHQFH )UHTXHQF\
Input with highly sensitive preamplifier for 16-bit r-counter. With
small input signals AC coupling must be set up, where DC
coupling can be used for large input signals.
10
12
PD
3KDVH'HWHFWRU
Tristate charge pump output. The integrated, positive and
negative current sources can be programmed with respect to
their current density by means of the serial control. Activation
and deactivation depend on the phase relationship of the
scaled-down input signals FI:N, RI:R. (See phase detector
output waveforms.)
frequency
I
V <
I
R or
I
V lagging:
p-channel current source
active
frequency
I
V >
I
R or
I
R leading:
n-channel current source
active
frequency
I
V =
I
R and PLL locked: current sources are
switched off, PD-output is tristate
In standby mode the PD-output is set to tristate. The
assignment of the current sources to the output signals of the
phase detector can be swapped in it’s polarity, i.e. the sign of
the phase detector constant can be controlled.
14
16
LD
/RFN'HWHFWRU 2XWSXW (open drain). Unipolar output of the
phase detector in the form of a pulse-width modulated signal.
The L-pulse width corresponds to the phase difference. Phase
differences < 20 ns are not indicated due to gating of the
antibacklash impuls. In the locked state the LD-signal is at
H-level. In standby mode the output is resistive.
Only for ABL status 11 no gating of ABL impulse is performed.
7DEOH
'62 76623 6\PERO )XQFWLRQ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SA9025900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer 1 2 3 4 5 MoreNXP Semiconductors
TBB200PLL-Frequency Synthesizer with I2C Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
PMB2304RPLL-FREQUENCY SYNTHESIZER 1 2 3 4 5 MoreInfineon Technologies AG
HMC400MS8HIGH IP3 GaAs MMIC MIXER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MAX5916ADual PCI 2.2 Hot-Swap Controllers 1 2 3 4 5 MoreMaxim Integrated Products
HMC-C00815 WATT POWER AMPLIFIER MODULE 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
M37225M6SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ADF4252Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
UPD7759ADPCM SPEECH SYNTHESIZER LSIs 1 2 3 4 5 MoreNEC
LMX2310UPLLatinumâ„¢ Ultra Low Power Frequency Synthesizer for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl