Electronic Components Datasheet Search
Selected language     English  â–Ľ


Q-67106-H6514 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part No. Q-67106-H6514
Description  PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 8 page
background image
30%530%7
2YHUYLHZ
Semiconductor Group
8
02.97
12
14
MFO1
0XOWLIXQFWLRQ2XWSXW for the signals
I
RN, ΦV, ΦVN and port 1.
13
15
MFO2
0XOWLIXQFWLRQ,23LQ for the output signals
I
VN, ΦRN and the
input signal
,
REF.
–
The signals
Φ
R and ΦV are the digital output signals of the
phase and frequency detector for use in external active
current sources (see phase detector output wave forms).
–
The signals
I
RN and
I
VN are the scaled down signals of the
reference frequency and VCO-frequency. The L-time
corresponds to 1/
I
RI and 1/
I
FI respectively.
–
In the port function the port 1 output signal is assigned to the
information of the status program. The output switches with
the rising edge of the
EN-signal. The standby mode does not affect the port
function.
–
In the internal charge pump mode the input signal
,
REF
determines the value of the PD-output current.
Reference current for charge pump
:
,
REF = (
9
DD –
9
REF)/R1
= 100
µA (tolerance of ±20% or less is recommended)
R1:see application circuit
9
REF:see AC/DC characteristics
7DEOH
'62 76623 6\PERO )XQFWLRQ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SA9025900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer 1 2 3 4 5 MoreNXP Semiconductors
TBB200PLL-Frequency Synthesizer with I2C Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
PMB2304RPLL-FREQUENCY SYNTHESIZER 1 2 3 4 5 MoreInfineon Technologies AG
HMC400MS8HIGH IP3 GaAs MMIC MIXER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MAX5916ADual PCI 2.2 Hot-Swap Controllers 1 2 3 4 5 MoreMaxim Integrated Products
HMC-C00815 WATT POWER AMPLIFIER MODULE 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
M37225M6SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ADF4252Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
UPD7759ADPCM SPEECH SYNTHESIZER LSIs 1 2 3 4 5 MoreNEC
LMX2310UPLLatinum™ Ultra Low Power Frequency Synthesizer for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl