Selected language     English  â–Ľ


Q-67106-H6514 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part No. Q-67106-H6514
Description  PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 10 page
background image
30%530%7
&LUFXLW'HVFULSWLRQ
Semiconductor Group
10
02.97

&LUFXLW 'HVFULSWLRQ
*HQHUDO 'HVFULSWLRQ
The circuit consists of a reference-, a- and n-counter, a dual modulus control logic, a
phase detector with charge pump output and a serial control logic. The setting of the
operating mode and the selection of the counter ratios is done serially at the ports CLK,
DA and EN.
The operating modes allow the selection of single or dual operation, asynchronous or
synchronous data acquisition, 4 different antibacklash-impulse times, 8 different PD-
output current modes, polarity setting of the PD-output signal, adjustment of the trigger-
edge of the MOD-output signal, 2 standby modes and the control of the multifunction
outputs MFO1 and MFO2.
The reference frequency is applied at the RI-input and scaled down by the r-counter. It’s
maximum value is 100 MHz. The VCO-frequency is applied at the FI-input and scaled
down by the n- or n/a-counter according to single or dual mode operation. The maximum
value at FI is 220 MHz at single-, and 65 MHz at dual mode operation.
The phase and frequency sensitive phase detector produces an output signal with
adjustable anti-backlash impulses in order to prevent a dead zone for very small phase
deviations. Phase differences of less than 100 ps can be resolved. In general the
shortest anti-backlash pulse gives the best system performance.
3URJUDPPLQJ
Programming of the IC is done by a serial data control. The contents of the message are
assigned to the functional units according to the address.
6LQJOH RU GXDO PRGH
RSHUDWLRQ DV ZHOO DV DV\QFKURQRXV RU V\QFKURQRXV GDWD DFTXLVLWLRQ LV VHW E\
VWDWXV DQG VKRXOGWKHUHIRUHSUHFHGHWKHSURJUDPPLQJ RI WKHFRXQWHUV
'DWD DFTXLVLWLRQ
The PMB 2306T offers the possibility of synchronous data acquisition to avoid error
signals at the phase detector due to non-corresponding dividing factors in the counters
produced by asynchronous loading.
Synchronous programming guarantees control during changes of frequency or channel.
That means that the state of the phase detector or the phase difference is kept
maintained, and in case of “lock in”, the control process starts with the phase difference
“zero”.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SA9025900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer 1 2 3 4 5 MoreNXP Semiconductors
TBB200PLL-Frequency Synthesizer with I2C Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
PMB2304RPLL-FREQUENCY SYNTHESIZER 1 2 3 4 5 MoreInfineon Technologies AG
HMC400MS8HIGH IP3 GaAs MMIC MIXER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MAX5916ADual PCI 2.2 Hot-Swap Controllers 1 2 3 4 5 MoreMaxim Integrated Products
HMC-C00815 WATT POWER AMPLIFIER MODULE 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
M37225M6SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ADF4252Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
UPD7759ADPCM SPEECH SYNTHESIZER LSIs 1 2 3 4 5 MoreNEC
LMX2310UPLLatinum™ Ultra Low Power Frequency Synthesizer for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl