Selected language     English  â–Ľ


Q-67106-H6514 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part No. Q-67106-H6514
Description  PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 11 page
background image
30%530%7
&LUFXLW'HVFULSWLRQ
Semiconductor Group
11
02.97
This is done as follows:
1.Setting of synchronous data acquisition by status 2.
2.Programming of the r-counter, status 1 (optional)-data is being loaded into shadow
registers.
3.Programming of the n- or n/a-counter-data is being loaded into shadow registers, the
EN-signal starts the synchronous loading procedure.
4.Synchronous programming – which means data transfer of all data from the shadow
registers to the data registers – takes place at that point in time when the respective
counter reaches “zero + 1”, the maximum repetition rate for channel change is
therefore
I
FI:N.
5.Transfer of status 1 information into the corresponding data register is tied to the n-
counter loading, but follows the loading of the n-data register in the distance of one n-
counter dividing ratio, this guarantees that for example a new PD-current value
becomes valid at the same time when the counters are loaded with the new data.
Synchronous avoids additional phase error caused by programming. Synchronous data
acquisition is of especial advantage, when large steps in frequency are to be made in a
short time. For this purpose a high reference frequency can be programmed in order to
achieve rapid – “rough” – transient response. This method increases the fundamental
frequency nearly by the square route of the reference frequency relation. When rough
lock is achieved, another synchronous data transfer is needed to switch back to the
original channel spacing. A “fine” lock in will finish the total step response. It may not be
necessary to change reference frequency, but it make sense to perform synchronous
data acquisition in any case. Especially for GSM, PCN, DECT, DAMPS, JDC, PHP
systems the synchronous mode should be used to get best performance of the PMB
2306T.
6WDQGE\ &RQGLWLRQ
The PMB 2306T has two standby modes (standby 1, 2) to reduce the current
consumption.
Standby 1 switches off the whole circuit, the current consumption is reduced below 1
µA.
Standby 2 switches off the counters, the charge pump and the outputs, only the
preamplifiers stay active.
The standby modes do not affect the port output signal. For the influence on the other
output signals
VHHVWDQGE\ WDEOH
1RWH I51 I91 Φ51 DQG Φ91 DUH WKHLQYHUWHGVLJQDOVRI I5 I9 Φ5 DQG Φ9




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SA9025900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer 1 2 3 4 5 MoreNXP Semiconductors
TBB200PLL-Frequency Synthesizer with I2C Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
PMB2304RPLL-FREQUENCY SYNTHESIZER 1 2 3 4 5 MoreInfineon Technologies AG
HMC400MS8HIGH IP3 GaAs MMIC MIXER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MAX5916ADual PCI 2.2 Hot-Swap Controllers 1 2 3 4 5 MoreMaxim Integrated Products
HMC-C00815 WATT POWER AMPLIFIER MODULE 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
M37225M6SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ADF4252Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
UPD7759ADPCM SPEECH SYNTHESIZER LSIs 1 2 3 4 5 MoreNEC
LMX2310UPLLatinum™ Ultra Low Power Frequency Synthesizer for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl