Electronic Components Datasheet Search
Selected language     English  ▼


Q-67106-H6514 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. Q-67106-H6514
Description  PLL-Frequency Synthesizer PMB2306R/PMB2306T Version 2.2
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 2 page
background image
(GLWLRQ
This edition was realized using the software system FrameMaker®.
3XEOLVKHGE\ 6LHPHQV$*
+/,7
‹ 6LHPHQV$* 
$OO5LJKWV5HVHUYHG
$WWHQWLRQ SOHDVH
As far as patents or other rights of third parties are concerned, liability is only assumed for components, not for
applications, processes and circuits implemented within components or assemblies.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, delivery and prices please contact the Semiconductor Group Offices in Germany or
the Siemens Companies and Representatives worldwide (see address list).
Due to technical requirements components may contain dangerous substances. For information on the types in
question please contact your nearest Siemens Office, Semiconductor Group.
Siemens AG is an approved CECC manufacturer.
3DFNLQJ
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales
office. By agreement we will take packing material back, if it is sorted. You must bear the costs of transport.
For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice
you for any costs incurred.
&RPSRQHQWVXVHGLQOLIHVXSSRUWGHYLFHVRUV\VWHPV PXVWEHH[SUHVVO\ DXWKRUL]HGIRUVXFKSXUSRVH
Critical components
1 of the Semiconductor Group of Siemens AG, may only be used in life-support devices or
systems
2 with the express written approval of the Semiconductor Group of Siemens AG.
30%530%7
5HYLVLRQ+LVWRU\
&XUUHQW 9HUVLRQ 
Previous Version: 01.94
Page
(in previous
Version)
Page
(in new
Version)
Subjects (major changes since last revision)
14-15
19-20
$&'& &KDUDFWHULVWLFV
H-input current
,
H: is changed from 10µA to 30µA and
L-input current
,
L: is changed from -10µA to -30µA
26
26
&ORFNIUHTXHQF\
I
CL max. is changed from 10MHz to 12MHz;
+SXOVHZLGWK &/
W
WHCL min. is changed from 60ns to 40ns;
+SXOVHZLGWK HQDEOH
W
WHENmin. is changed from 60ns to 40ns;
18
18
Input reference frequency
I
CRI
 is changed from 20MHz to 22MHz
19
19
,QSXW6LJQDO5,
Input voltage
9
I: is changed from 20MHz to 22MHz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SA9025900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer 1 2 3 4 5 MoreNXP Semiconductors
TBB200PLL-Frequency Synthesizer with I2C Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
PMB2304RPLL-FREQUENCY SYNTHESIZER 1 2 3 4 5 MoreInfineon Technologies AG
HMC400MS8HIGH IP3 GaAs MMIC MIXER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
MAX5916ADual PCI 2.2 Hot-Swap Controllers 1 2 3 4 5 MoreMaxim Integrated Products
HMC-C00815 WATT POWER AMPLIFIER MODULE 1.8 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
M37225M6SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ADF4252Dual Fractional-N/Integer-N Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
UPD7759ADPCM SPEECH SYNTHESIZER LSIs 1 2 3 4 5 MoreNEC
LMX2310UPLLatinum™ Ultra Low Power Frequency Synthesizer for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl