Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L050-2-512X Datasheet(PDF) 1 Page - Ensign Corporation

Part # L050-2-512X
Description  Commander Class
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

L050-2-512X Datasheet(HTML) 1 Page - Ensign Corporation

  L050-2-512X Datasheet HTML 1Page - Ensign Corporation L050-2-512X Datasheet HTML 2Page - Ensign Corporation L050-2-512X Datasheet HTML 3Page - Ensign Corporation L050-2-512X Datasheet HTML 4Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Flame Retardant Material
Secondary
Dimensions (Inches)
VA Rating
L
W
H
MC
L002
2.4VA
Parallel
from 5V to 60V
Series, single & center-tapped
from 10V to 120V
1.45
1.40
1.19
1.75
L006
6VA
1.70
1.50
1.38
2.00
L012
12VA
1.95
1.64
1.62
2.38
L020
20VA
2.32
1.60
1.94
2.81
L030
30VA
2.32
2.00
1.94
2.81
L040
40VA
2.70
1.95
2.25
3.12
L050
50VA
2.70
2.13
2.25
3.12
L056
56VA
2.70
2.13
2.25
3.12
L075
75VA
3.08
2.25
2.56
3.56
L100
100VA
3.08
2.50
2.56
3.56
Flame Retardant, UL 94V0 Rating
High Efficiency
2.4VA to 100VA Power Rating
Single or Dual Primary, 115V, 115/230V or 230V
(Optional 120, 120/240, 240, 277, or 240/277V)
50/60Hz (Economy 60Hz-only Models Available)
Center-tapped Secondary (Optional Single or Dual)
Any Secondary Voltage from 5V to 120V in 1V Increments
Insulation Material 130oC Standard (Optional 200oC)
Optional Internal Current or Thermal Protector
High Isolation, 2500 Vrms, 100% Tested
Low Capacitive Coupling, no Electrostatic Shield Needed
Color Coded Hook-up Wires
Commander Class
Agency Approvals:
UL/cUL 5085-2 Recognized (File E47299)
UL 1446 Recognized Insulation system (File E95662)
UL/cUL 5085-3 Class 2 Recognized (File E43609), Only L002 (up to 24V)
Sales Office :
300 W Factory Rd., Addison, IL 60101 • Ph: (630) 628-9999 • Fax: (630) 628-9922 • www.ensigncorp.com
18
Take advantage of these pre-designed models, or let us customize to your requirements. That’s our specialty.
Primary Schematics
Single Input
(Specify 115V or
120V)
Single Input
(277V)
Tapped Input
WHT=COM
BRN=240V
VIO=277V
Series/Parallel Input
(Specify 115/230V
or 120/240V)
Single Input
(Specify 230V or
240V)
Secondary Schematics
Single Output
Center-Tapped
Output
Series/Parallel
Output


Similar Part No. - L050-2-512X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
L050-2-512X ENSIGN-L050-2-512X Datasheet
499Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
More results

Similar Description - L050-2-512X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
L002 ENSIGN-L002 Datasheet
333Kb / 1P
   Commander Class
L100-1-510X ENSIGN-L100-1-510X Datasheet
502Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L075-1-510X ENSIGN-L075-1-510X Datasheet
504Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L050-1-510X ENSIGN-L050-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L030-1-510X ENSIGN-L030-1-510X Datasheet
502Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L040-1-510X ENSIGN-L040-1-510X Datasheet
503Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L056-1-510X ENSIGN-L056-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
logo
NXP Semiconductors
SJA1124 NXP-SJA1124_V01 Datasheet
629Kb / 54P
   Quad LIN commander transceiver with LIN commander controller
Rev. 2 - 26 August 2022
logo
New Japan Radio
NJU6014 NJRC-NJU6014 Datasheet
363Kb / 11P
   REMOTE CONTROL COMMANDER IC
logo
Ensign Corporation
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com