Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDE2-025P-18 Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # VDE2-025P-18
Description  International Power Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

VDE2-025P-18 Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  VDE2-025P-18 Datasheet HTML 1Page - Wabash Transformer Inc. VDE2-025P-18 Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
International Power Transformer
Series: VDE - Printed Circuit Mount
Part Number
Secondary
Class 2
Audio/Video
VA
115/230V
115V
230V
Series
Parallel
1
VDE1-01P-10
VDE2-01P-10
10VCT @ 100mA
5V @ 200mA
-
VDE1-01P-126
VDE2-01P-126
12.6VCT @ 79mA
6.3V @ 158mA
-
VDE1-01P-16
VDE2-01P-16
16VCT @ 62.5mA
8V @ 125mA
-
VDE1-01P-18
VDE2-01P-18
18VCT @ 55mA
9V @ 111mA
-
VDE1-01P-20
VDE2-01P-20
20VCT @ 50mA
10V @ 100mA
-
VDE1-01P-24
VDE2-01P-24
24VCT @ 41.6mA
12V @ 83mA
-
-
VDE1-01P-28
VDE2-01P-28
28VCT @ 35.7mA
14V @ 71.4mA
-
-
VDE1-01P-36
VDE2-01P-36
36VCT @ 27.7mA
18V @ 55mA
-
-
2.5
VDE-025P-10
VDE1-025P-10
VDE2-025P-10
10VCT @ 250mA
5V @ 500mA
VDE-025P-126
VDE1-025P-126
VDE2-025P-126
12.6VCT @ 198mA
6.3V @ 396mA
VDE-025P-16
VDE1-025P-16
VDE2-025P-16
16VCT @ 156mA
8V @ 312mA
VDE-025P-18
VDE1-025P-18
VDE2-025P-18
18VCT @ 138mA
9V @ 277mA
VDE-025P-20
VDE1-025P-20
VDE2-025P-20
20VCT @ 125mA
10V @ 250mA
-
VDE-025P-24
VDE1-025P-24
VDE2-025P-24
24VCT @ 104mA
12V @ 208mA
-
VDE-025P-28
VDE1-025P-28
VDE2-025P-28
28VCT @ 89mA
14V @ 178mA
-
VDE-025P-36
VDE1-025P-36
VDE2-025P-36
36VCT @ 69mA
18V @ 138mA
-
5
VDE-05P-10
VDE1-05P-10
VDE2-05P-10
10VCT @ 500mA
5V @ 1.00A
-
VDE-05P-126
VDE1-05P-126
VDE2-05P-126
12.6VCT @ 396mA
6.3V @ 793mA
-
VDE-05P-16
VDE1-05P-16
VDE2-05P-16
16VCT @ 312mA
8V @ 624mA
-
VDE-05P-18
VDE1-05P-18
VDE2-05P-18
18VCT @ 277mA
9V @ 555mA
-
VDE-05P-20
VDE1-05P-20
VDE2-05P-20
20VCT @ 250mA
10V @ 500mA
-
VDE-05P-24
VDE1-05P-24
VDE2-05P-24
24VCT @ 208mA
12V @ 416mA
-
-
VDE-05P-28
VDE1-05P-28
VDE2-05P-28
28VCT @ 178mA
14V @ 357mA
-
-
VDE-05P-36
VDE1-05P-36
VDE2-05P-36
36VCT @ 138mA
18V @ 277mA
-
-
10
VDE-10P-10
VDE1-10P-10
VDE2-10P-10
10VCT @ 1.00A
5V @ 2.00A
VDE-10P-126
VDE1-10P-126
VDE2-10P-126
12.6VCT @ 794mA
6.3V @ 1.59A
VDE-10P-16
VDE1-10P-16
VDE2-10P-16
16VCT @ 625mA
8V @ 1.25A
VDE-10P-18
VDE1-10P-18
VDE2-10P-18
18VCT @ 555mA
9V @ 1.11A
VDE-10P-20
VDE1-10P-20
VDE2-10P-20
20VCT @ 500mA
10V @ 1.00A
VDE-10P-24
VDE1-10P-24
VDE2-10P-24
24VCT @ 416mA
12V @ 833mA
-
VDE-10P-28
VDE1-10P-28
VDE2-10P-28
28VCT @ 357mA
14V @ 714mA
-
VDE-10P-36
VDE1-10P-36
VDE2-10P-36
36VCT @ 277mA
18V @ 555mA
-
Partial Selection Guide
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
27
All models are VDE approved
Any application, Any requirement, Contact us for our Custom Designs
Continued...
Class 2


Similar Part No. - VDE2-025P-18

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE2-100L-10 WABASH-VDE2-100L-10 Datasheet
767Kb / 3P
   International Power Transformer
VDE2-100L-126 WABASH-VDE2-100L-126 Datasheet
767Kb / 3P
   International Power Transformer
VDE2-100L-16 WABASH-VDE2-100L-16 Datasheet
767Kb / 3P
   International Power Transformer
VDE2-100L-18 WABASH-VDE2-100L-18 Datasheet
767Kb / 3P
   International Power Transformer
VDE2-100L-20 WABASH-VDE2-100L-20 Datasheet
767Kb / 3P
   International Power Transformer
More results

Similar Description - VDE2-025P-18

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE-10T-10 WABASH-VDE-10T-10 Datasheet
782Kb / 3P
   International Power Transformer
logo
PowerVolt Inc.
14P-56-24 POWERVOLT-14P-56-24 Datasheet
70Kb / 1P
   International Power transformer
logo
Wabash Transformer Inc.
VDE-25L-10 WABASH-VDE-25L-10 Datasheet
767Kb / 3P
   International Power Transformer
VDE-25P-10 WABASH-VDE-25P-10 Datasheet
778Kb / 2P
   International Power Transformer
VDE-10L-10 WABASH-VDE-10L-10 Datasheet
750Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
P41-43-10 POWERVOLT-P41-43-10 Datasheet
307Kb / 1P
   INTERNATIONAL POWER TRANSFORMER
logo
Wabash Transformer Inc.
VDE-80T-10 WABASH-VDE-80T-10 Datasheet
651Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
PCL2-20-24 POWERVOLT-PCL2-20-24 Datasheet
451Kb / 1P
   INTERNATIONAL CLASS 2 POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-61001 RHOMBUS-IND-T-61001 Datasheet
27Kb / 1P
   Low Profile International Series Power Transformer
logo
Bel Fuse Inc.
2776D BEL-2776D Datasheet
27Kb / 2P
   ADSL MAGNETICS International Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com