Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDE2-80L-18 Datasheet(PDF) 2 Page - Wabash Transformer Inc.

Part # VDE2-80L-18
Description  International Power Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

VDE2-80L-18 Datasheet(HTML) 2 Page - Wabash Transformer Inc.

  VDE2-80L-18 Datasheet HTML 1Page - Wabash Transformer Inc. VDE2-80L-18 Datasheet HTML 2Page - Wabash Transformer Inc. VDE2-80L-18 Datasheet HTML 3Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VA
Part Number
Secondary
Class 2
115/230V
115V
230V
Series
Parallel
25
VDE-25L-10
VDE1-25L-10
VDE2-25L-10
10VCT @ 2.50A
5V @ 5.00A
VDE-25L-126
VDE1-25L-126
VDE2-25L-126
12.6VCT @ 1.98A
6.3V @ 3.96A
VDE-25L-16
VDE1-25L-16
VDE2-25L-16
16VCT @ 1.56A
8V @ 3.12A
VDE-25L-18
VDE1-25L-18
VDE2-25L-18
18VCT @ 1.39A
9V @ 2.78A
VDE-25L-20
VDE1-25L-20
VDE2-25L-20
20VCT @ 1.25A
10V @ 2.50A
VDE-25L-24
VDE1-25L-24
VDE2-25L-24
24VCT @ 1.04A
12V @ 2.08A
VDE-25L-28
VDE1-25L-28
VDE2-25L-28
28VCT @ 892mA
14V @ 1.78A
-
VDE-25L-36
VDE1-25L-36
VDE2-25L-36
36VCT @ 694mA
18V @ 1.38A
-
43
VDE-43L-10
VDE1-43L-10
VDE2-43L-10
10VCT @ 4.30A
5V @ 8.60A
-
VDE-43L-126
VDE1-43L-126
VDE2-43L-126
12.6VCT @ 3.41A
6.3V @ 6.82A
VDE-43L-16
VDE1-43L-16
VDE2-43L-16
16VCT @ 2.68A
8V @ 5.37A
VDE-43L-18
VDE1-43L-18
VDE2-43L-18
18VCT @ 2.38A
9V @ 4.76A
VDE-43L-20
VDE1-43L-20
VDE2-43L-20
20VCT @ 2.15A
10V @ 4.30A
VDE-43L-24
VDE1-43L-24
VDE2-43L-24
24VCT @ 1.79A
12V @ 3.58A
-
VDE-43L-28
VDE1-43L-28
VDE2-43L-28
28VCT @ 1.53A
14V @ 3.06A
-
VDE-43L-36
VDE1-43L-36
VDE2-43L-36
36VCT @ 1.19A
18V @ 2.38A
-
VDE-43L-230
VDE1-43L-230
VDE2-43L-230
230VCT @ 186mA
115V @ 372mA
-
80
VDE-80L-10
VDE1-80L-10
VDE2-80L-10
10VCT @ 8.00A
5V @ 16.00A
-
VDE-80L-126
VDE1-80L-126
VDE2-80L-126
12.6VCT @ 6.34A
6.3V @ 12.69A
-
VDE-80L-16
VDE1-80L-16
VDE2-80L-16
16VCT @ 5.00A
8V @ 10.00A
-
VDE-80L-18
VDE1-80L-18
VDE2-80L-18
18VCT @ 4.44A
9V @ 8.88A
-
VDE-80L-20
VDE1-80L-20
VDE2-80L-20
20VCT @ 4.00A
10V @ 8.00A
-
VDE-80L-24
VDE1-80L-24
VDE2-80L-24
24VCT @ 3.33A
12V @ 6.66A
-
VDE-80L-28
VDE1-80L-28
VDE2-80L-28
28VCT @ 2.85A
14V @ 5.70A
-
VDE-80L-36
VDE1-80L-36
VDE2-80L-36
36VCT @ 2.22A
18V @ 4.44A
-
VDE-80L-230
VDE1-80L-230
VDE2-80L-230
230VCT @ 347mA
115V @ 695mA
-
100
VDE-100L-10
VDE1-100L-10
VDE2-100L-10
10VCT @ 10.0A
5V @ 20.00A
-
VDE-100L-126
VDE1-100L-126
VDE2-100L-126
12.6VCT @ 7.93A
6.3V @ 15.8A
-
VDE-100L-16
VDE1-100L-16
VDE2-100L-16
16VCT @ 6.25A
8V @ 12.50A
-
VDE-100L-18
VDE1-100L-18
VDE2-100L-18
18VCT @ 5.55A
9V @ 11.11A
-
VDE-100L-20
VDE1-100L-20
VDE2-100L-20
20VCT @ 5.00A
10V @ 10.00A
-
VDE-100L-24
VDE1-100L-24
VDE2-100L-24
24VCT @ 4.16A
12V @ 8.33A
-
VDE-100L-28
VDE1-100L-28
VDE2-100L-28
28VCT @ 3.57A
14V @ 7.14A
-
VDE-100L-36
VDE1-100L-36
VDE2-100L-36
36VCT @ 2.77A
18V @ 5.55A
-
VDE-100L-230
VDE1-100L-230
VDE2-100L-230
230VCT @ 434mA
115V @ 869mA
-
Partial Selection Guide
Sales Office:
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
41
International Power Transformer
Series: VDE - Lead Wires
Any application, Any requirement, Contact us for our Custom Designs
All models are VDE approved
Continued...
Class 2


Similar Part No. - VDE2-80L-18

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE2-80T-10 WABASH-VDE2-80T-10 Datasheet
651Kb / 2P
   International Power Transformer
VDE2-80T-126 WABASH-VDE2-80T-126 Datasheet
651Kb / 2P
   International Power Transformer
VDE2-80T-16 WABASH-VDE2-80T-16 Datasheet
651Kb / 2P
   International Power Transformer
VDE2-80T-18 WABASH-VDE2-80T-18 Datasheet
651Kb / 2P
   International Power Transformer
VDE2-80T-20 WABASH-VDE2-80T-20 Datasheet
651Kb / 2P
   International Power Transformer
More results

Similar Description - VDE2-80L-18

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
VDE-025P-10 WABASH-VDE-025P-10 Datasheet
741Kb / 2P
   International Power Transformer
VDE-10T-10 WABASH-VDE-10T-10 Datasheet
782Kb / 3P
   International Power Transformer
logo
PowerVolt Inc.
14P-56-24 POWERVOLT-14P-56-24 Datasheet
70Kb / 1P
   International Power transformer
logo
Wabash Transformer Inc.
VDE-25P-10 WABASH-VDE-25P-10 Datasheet
778Kb / 2P
   International Power Transformer
VDE-10L-10 WABASH-VDE-10L-10 Datasheet
750Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
P41-43-10 POWERVOLT-P41-43-10 Datasheet
307Kb / 1P
   INTERNATIONAL POWER TRANSFORMER
logo
Wabash Transformer Inc.
VDE-80T-10 WABASH-VDE-80T-10 Datasheet
651Kb / 2P
   International Power Transformer
logo
PowerVolt Inc.
PCL2-20-24 POWERVOLT-PCL2-20-24 Datasheet
451Kb / 1P
   INTERNATIONAL CLASS 2 POWER TRANSFORMER
logo
Rhombus Industries Inc.
T-61001 RHOMBUS-IND-T-61001 Datasheet
27Kb / 1P
   Low Profile International Series Power Transformer
logo
Bel Fuse Inc.
2776D BEL-2776D Datasheet
27Kb / 2P
   ADSL MAGNETICS International Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com