Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDST-99-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CDST-99-G
Description  Small Signal Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST-99-G Datasheet(HTML) 4 Page - Comchip Technology

  CDST-99-G_12 Datasheet HTML 1Page - Comchip Technology CDST-99-G_12 Datasheet HTML 2Page - Comchip Technology CDST-99-G_12 Datasheet HTML 3Page - Comchip Technology CDST-99-G_12 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-B0002
Page 4
Small Signal Switching Diodes
REV:E
Part Number
CDST-99-G
Marking Code
A7
Marking Code
XX
3
1
2
Suggested PAD Layout
A
C
B
SIZE
(inch)
0.031
(mm)
0.80
1.90
2.02
0.075
0.080
SOT-23
2.82
0.111
A
B
C
D
D
CDST-70-G
A4
CDST-56-G
A1
xx = Product type marking code
Comchip Technology CO., LTD.
Standard Packaging
Case Type
SOT-23
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK


Similar Part No. - CDST-99-G_12

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDST-99-G COMCHIP-CDST-99-G Datasheet
468Kb / 2P
   Small Signal Switching Diode
More results

Similar Description - CDST-99-G_12

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
   Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
   Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
   Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
   Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
   Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
   Small Signal Switching Diodes
logo
Comchip Technology
CDSL-4148-G COMCHIP-CDSL-4148-G Datasheet
112Kb / 4P
   Small Signal Switching Diodes
CDSH3 COMCHIP-CDSH3 Datasheet
572Kb / 2P
   Small Signal Switching Diodes
logo
DAESAN ELECTRONIC CORP.
MCL4148 DAESAN-MCL4148 Datasheet
493Kb / 3P
   SMALL SIGNAL SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com