Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDST-4148-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDST-4148-G
Description  Small Signal Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST-4148-G Datasheet(HTML) 1 Page - Comchip Technology

  CDST-4148-G Datasheet HTML 1Page - Comchip Technology CDST-4148-G Datasheet HTML 2Page - Comchip Technology CDST-4148-G Datasheet HTML 3Page - Comchip Technology CDST-4148-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Switching Diodes
Reverse Voltage: 75 Volts
Forward Current: 150 mA
RoHS Device
Page 1
REV:D
Features
-Design for mounting on small surface.
-High speed switching.
-High mounting capability, strong surge
withstand, high reliability.
Mechanical data
-Case: SOT-23, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Approx. weight: 0.0078 grams
Circuit diagram
CDST-4148-G
Maximum Ratings and Electrical Characteristics, Single Diode
(at Ta=25°C unless otherwise noted)
QW-B0001
Comchip Technology CO., LTD.
Peak Repetitive peak reverse voltage
Units
Symbol
Parameter
VRRM
IO
1
2
3
Conditions
T=1.0 μS
V
mA
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.118(3.00)
0.110(2.80)
0.055(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.003(0.08)
0.100(2.55)
0.089(2.25)
0.004(0.10) max
0.012(0.30)
VDC
Peak forward surge current
A
IFSM
DC Blocking voltage
75
Average forward current
150
2.0
Forward voltage
VF
@IF=1mA
@IF=10mA
@IF=50mA
@IF=150mA
0.715
0.855
1.0
1.25
V
Reverse current
IR
2.5
nA
@VR=20V
@VR=75V
Reverse recovery time
Capacitance between terminals
Junction temperature
Storage temperature
Trr
CT
TJ
TSTG
VR=0V, f=1.0MHz
4
2
+150
nS
pF
°C
°C
PD
mW
Power dissipation
350
Reverse breakdown voltage
V(BR)R
75
V
IR=100µA
V
25
+150
0.020(0.50)
IF=IR=10mA, 1rr=0.1*IR
RL=100Ω
RMS reverse voltage
VRMS
V
53
75
T=1.0 S
1.0
mA
IFM
Forward continous current
300
Min.
Typ.
Max.
-65
RθJA
°C/W
Thermal resistance junction to ambient
357
μA


Similar Part No. - CDST-4148-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDST-4148-G COMCHIP-CDST-4148-G Datasheet
77Kb / 4P
   Small Signal Switching Diodes
More results

Similar Description - CDST-4148-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
   Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
   Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
   Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
   Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
   Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
   Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
   Small Signal Switching Diodes
logo
Comchip Technology
CDSL-4148-G COMCHIP-CDSL-4148-G Datasheet
112Kb / 4P
   Small Signal Switching Diodes
CDSH3 COMCHIP-CDSH3 Datasheet
572Kb / 2P
   Small Signal Switching Diodes
logo
DAESAN ELECTRONIC CORP.
MCL4148 DAESAN-MCL4148 Datasheet
493Kb / 3P
   SMALL SIGNAL SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com