Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB7115 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # PSB7115
Description  Enhanced ISDN Data Access Controller ISAR 34
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7115 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  PSB7115 Datasheet HTML 1Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 2Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 3Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 4Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 5Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 6Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 7Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 8Page - Siemens Semiconductor Group PSB7115 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 264 page
background image
Edition 02.98
This edition was realized using the software system FrameMaker®.
Published by Siemens AG,
HL SP,
Balanstraße 73,
81541 München
© Siemens AG 1998.
All Rights Reserved.
Attention please!
As far as patents or other rights of third parties are concerned, liability is only assumed for components, not for applications, processes
and circuits implemented within components or assemblies.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, delivery and prices please contact the Semiconductor Group Offices in Germany or the Siemens Companies
and Representatives worldwide (see address list).
Due to technical requirements components may contain dangerous substances. For information on the types in question please contact
your nearest Siemens Office, Semiconductor Group.
Siemens AG is an approved CECC manufacturer.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we will
take packing material back, if it is sorted. You must bear the costs of transport.
For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incur-
red.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components1 of the Semiconductor Group of Siemens AG, may only be used in life-support devices or systems2 with the express
written approval of the Semiconductor Group of Siemens AG.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the
failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain hu-
man life. If they fail, it is reasonable to assume that the health of the user may be endangered.
PSB 7115
Revision History:
Current Version: 02.98
Previous Version:
09.97
Page
(in previous
Version)
Page
(in current
Version)
Subjects (major changes since last revision)
247/248
256/257
External Memory Interface timings added
-
188-196
General Purpose I/Os added
126
126
16 bit data path added
173
173
TSL=011 mode removed
IOM®, IOM®-1, IOM®-2, SICOFI®, SICOFI®-2, SICOFI®-4, SICOFI®-4µC, SLICOFI®, ARCOFI® , ARCOFI®-BA,
ARCOFI®-SP, EPIC®-1, EPIC®-S, ELIC®, IPAT®-2, ITAC®, ISAC®-S, ISAC®-S TE, ISAC®-P, ISAC®-P TE, IDEC®,
SICAT®, OCTAT®-P, QUAT®-S are registered trademarks of Siemens AG.
MUSAC-A, FALC54, IWE, SARE, UTPT, ASM, ASPare trademarks of Siemens AG.


Similar Part No. - PSB7115

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
   Enhanced ISDN Data Access Controller ISAR
More results

Similar Description - PSB7115

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
   Enhanced ISDN Data Access Controller ISAR
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
   ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
Siemens Semiconductor G...
PSB2186 SIEMENS-PSB2186 Datasheet
1Mb / 240P
   ISDN Subscriber Access Controller for Terminals
logo
Red Lion Controls. Inc
CSMSTRZR REDLION-CSMSTRZR Datasheet
579Kb / 2P
   Enhanced Data Station Plus & Modular Controller
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
National Semiconductor ...
54F407 NSC-54F407 Datasheet
165Kb / 10P
   DATA ACCESS REGISTER
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
Siemens Semiconductor G...
PEB2085 SIEMENS-PEB2085 Datasheet
1Mb / 320P
   ISDN SubscribernAccess Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com