Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSV3-217-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSV3-217-G
Description  Small Signal Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSV3-217-G Datasheet(HTML) 1 Page - Comchip Technology

  CDSV3-217-G Datasheet HTML 1Page - Comchip Technology CDSV3-217-G Datasheet HTML 2Page - Comchip Technology CDSV3-217-G Datasheet HTML 3Page - Comchip Technology CDSV3-217-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
QW-B0016
CDSV3-217-G
Features
Designed for mounting on small surface.
High speed switching.
High mounting capability, strong surge
withstand, high reliability.
Mechanical data
Case: SOT-323, molded plastic.
Terminals: Solder plated, solderable per
MIL-STD-750, method 208.
Weight: 0.006 gram(approx.).
Reverse Voltage: 80 Volts
Forward Current: 300 mA
RoHS Device
Dimensions in inches and (millimeter)
SOT-323
0.087(2.20)
0.079(2.00)
0.053(1.35)
0.045(1.15)
3
1
0.055(1.40)
0.047(1.20)
0.039(1.10)
0.035(0.90)
0.096(2.45)
0.085(2.15)
0.006(0.15)
0.002(0.05)
0.004(0.10)max
0.01(0.26)min
0.016(0.40)
0.008(0.20)
CDSV3-217-G
1
2
3
Symbol
Typ
Parameter
Conditions
Min
Max Unit
IR
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Forward voltage
VF
V
1.2
IF = 100mA
Reverse current
0.1
VR = 70V
V
80
Reverse breakdown voltage
IR = 100uA
VBR
pF
2
Junction Capacitance
f=1MHz,and 0 VDC reverse voltage
CT
uA
Maximum Ratings (at Ta=25°C unless otherwise noted)
Typ
VR
VRM
Reverse voltage
Peak reverse voltage
Symbol
Parameter
Conditions
Min
Max Unit
V
V
80
80
IO
IFM
Average forward current
Forward current
Forward current, surge peak
mA
mA
100
300
IFSM
1
A
200
mW
PD
Power dissipation
+125
O
C
TSTG
Tj
Storage temperature
Junction temperature
O
C
+125
-55
T = 10ms
REV:B
Small Signal Switching Diodes


Similar Part No. - CDSV3-217-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV3-217-G COMCHIP-CDSV3-217-G Datasheet
77Kb / 2P
   Small Signal Schottky Diodes
More results

Similar Description - CDSV3-217-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
   Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
   Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
   Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
   Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
   Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
   Small Signal Switching Diodes
logo
Comchip Technology
CDSL-4148-G COMCHIP-CDSL-4148-G Datasheet
112Kb / 4P
   Small Signal Switching Diodes
CDSH3 COMCHIP-CDSH3 Datasheet
572Kb / 2P
   Small Signal Switching Diodes
logo
DAESAN ELECTRONIC CORP.
MCL4148 DAESAN-MCL4148 Datasheet
493Kb / 3P
   SMALL SIGNAL SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com