Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67101-H6864 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # Q67101-H6864
Description  Joint Audio Decoder-Encoder for Analog Videophone JADE AN
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67101-H6864 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button Q67101-H6864 Datasheet HTML 6Page - Siemens Semiconductor Group Q67101-H6864 Datasheet HTML 7Page - Siemens Semiconductor Group Q67101-H6864 Datasheet HTML 8Page - Siemens Semiconductor Group Q67101-H6864 Datasheet HTML 9Page - Siemens Semiconductor Group Q67101-H6864 Datasheet HTML 10Page - Siemens Semiconductor Group Q67101-H6864 Datasheet HTML 11Page - Siemens Semiconductor Group Q67101-H6864 Datasheet HTML 12Page - Siemens Semiconductor Group Q67101-H6864 Datasheet HTML 13Page - Siemens Semiconductor Group Q67101-H6864 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 179 page
background image
PSB 7230
Introduction
Semiconductor Group
10
Data Sheet 1998-07-01
1.5
Pin Description
Table 1
Parallel Host Interface
Pin No. Symbol Function Descriptions
16
AD0
I/O
Multiplexed Bus Mode: Address/Data Bus. Transfers
addresses from the host to JADE and data between the
host and the JADE
Demultiplexed Bus Mode: Data bus. Transfers data
between the host and the JADE
15
AD1
I/O
14
AD2
I/O
13
AD3
I/O
9
AD4
I/O
8
AD5
I/O
7
AD6
I/O
6
AD7
I/O
4
DS
I
Data Strobe.
The rising edge marks the end of a valid read or write
operation (Motorola bus mode).
RD
I
Read.
This signal indicates a read operation (Siemens/Intel
bus mode).
5
R/W
I
Read/Write.
A 1 (“high“) identifies a valid host access as a read
operation. A 0 identifies a valid host access as a write
operation (Motorola bus mode)
WR
I
Write.
This signal indicates a write operation (Siemens/Intel
bus mode).
3CS
I
Chip Select.
2
ALE
I
Address Latch Enable.
A “high” on this line indicates an address on AD(0:7)
(multipexed bus mode only). ALE also selects the
interface mode
82
A0
I
Address Bits A(0:3) (demultiplexed bus type)
83
A1
I
19
A2
I
96
A3
I


Similar Part No. - Q67101-H6864

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
Q67101-H6788 SIEMENS-Q67101-H6788 Datasheet
3Mb / 272P
   ICs for Communications
Q67101-H6789 SIEMENS-Q67101-H6789 Datasheet
3Mb / 272P
   ICs for Communications
Q67101-H6790 SIEMENS-Q67101-H6790 Datasheet
3Mb / 272P
   ICs for Communications
More results

Similar Description - Q67101-H6864

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder - Multimode
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
Renesas Technology Corp
TW9920 RENESAS-TW9920 Datasheet
157Kb / 2P
   Analog Video Decoder/Encoder
logo
List of Unclassifed Man...
TW9920 ETC1-TW9920 Datasheet
956Kb / 88P
   Analog Video Decoder / Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com