Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDL-20-126 Datasheet(PDF) 1 Page - Wabash Transformer Inc.

Part # PDL-20-126
Description  The Compact Power Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

PDL-20-126 Datasheet(HTML) 1 Page - Wabash Transformer Inc.

  PDL-20-126 Datasheet HTML 1Page - Wabash Transformer Inc. PDL-20-126 Datasheet HTML 2Page - Wabash Transformer Inc. PDL-20-126 Datasheet HTML 3Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Sales Office:
60
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
The Compact Power Transformer
Series: PSL & PDL - Chassis Mount with Lead Wires
Power Rating 1.2VA to 100VA
Single or Dual Primary, 115V or 115/230V
Frequency 50/60HZ
Center-tapped Secondary
Dielectric Strength – 2500 Vrms
Insulation Class B (130°C)
Low Capacitive Coupling, no Electrostatic Shield Needed
Color Coded Hook-up Wires
Agency Approvals:
UL/cUL 5085-2 Recognized (File E47299)
Insulation File No. E95662
VA
Rating
Dimensions (Inches)
Weight
Lbs
L
W
H
A
ML
1.2
2.063
1.00
1.19
1.45
1.75
0.25
2.4
2.063
1.40
1.19
1.45
1.75
0.25
5
2.375
1.50
1.38
1.70
2.00
0.44
6
2.375
1.50
1.38
1.70
2.00
0.44
10
2.813
1.64
1.62
1.95
2.38
0.70
12
2.813
1.64
1.62
1.95
2.38
0.70
15
2.813
1.64
1.62
1.95
2.38
0.70
20
3.250
1.60
1.94
2.32
2.81
1.10
30
3.250
2.00
1.94
2.32
2.81
1.10
40
3.688
1.95
2.25
2.70
3.12
1.70
50
3.688
2.13
2.25
2.70
3.12
1.70
56
3.688
2.13
2.25
2.70
3.12
1.70
75
4.031
2.25
2.56
3.08
3.56
2.75
80
4.031
2.25
2.56
3.08
3.56
2.75
100
4.031
2.50
2.56
3.08
3.56
2.75
Single Primary
Dual Primary
● Indicates Like Polarity
Any application, Any requirement, Contact us for our Custom Designs
Primaries and Secondaries are designed to be used
simultaneously. That is, they must be used either series or parallel
connected (as one winding). Same applies to secondaries also.


Similar Part No. - PDL-20-126

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PDL-2 PANDUIT-PDL-2 Datasheet
77Kb / 2P
   Your search criteria matched only one product, shown below
More results

Similar Description - PDL-20-126

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PST-24-10 WABASH-PST-24-10 Datasheet
625Kb / 2P
   The Compact Power Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
logo
List of Unclassifed Man...
PSR9-600-70 ETC2-PSR9-600-70 Datasheet
1Mb / 6P
   PSR - The compact range
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
NXP Semiconductors
MKW2XDXXX NXP-MKW2XDXXX Datasheet
899Kb / 78P
   The MKW2xD is a low power, compact integrated device
Rev. 2, 05/2016
logo
NEC
R120F-2M NEC-R120F-2M Datasheet
659Kb / 2P
   The scalable compact rack server
E120G-M NEC-E120G-M Datasheet
1,008Kb / 2P
   The flexible, compact rack server
R120F-2E NEC-R120F-2E Datasheet
634Kb / 2P
   The flexible, compact rack server
R120B-2 NEC-R120B-2 Datasheet
940Kb / 2P
   The scalable compact rack server
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com