Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS391 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TS391
Description  LOW POWER SINGLE VOLTAGE COMPARATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TS391 Datasheet(HTML) 5 Page - Unisonic Technologies

  TS391_11 Datasheet HTML 1Page - Unisonic Technologies TS391_11 Datasheet HTML 2Page - Unisonic Technologies TS391_11 Datasheet HTML 3Page - Unisonic Technologies TS391_11 Datasheet HTML 4Page - Unisonic Technologies TS391_11 Datasheet HTML 5Page - Unisonic Technologies TS391_11 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS391/A/B/C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R104-003.H
TYPICAL CHARACTERISTICS
Supply Current vs. Supply Voltage
0.5
0.2
0
0
Supply Voltage (V)
10
20
30
40
Time (µS)
Response Time for vs. Input Overdrives
- Negative Transition
6
5
4
3
2
1
0
00.5
1
1.5
2
Input Current vs. Supply Voltage
0
Supply Voltage (V)
80
60
40
20
10
20
30
40
Response Time for vs. Input Overdrives
- Positive Transition
0.4
0.3
0.1
TA=-40°С
TA=+25°С
TA=+125°С
R=
0
-50
-100
TA=+25°С
20mV
100mV
Input overdrive:5mV
+5V
5.1kΩ
eI
eo
-
+
TA=-40°С
TA=+25°С
TA=+125°С
Time (µS)
6
5
4
3
2
1
0
0
0.5
1
1.5
2
100
50
0
TA=+25°С
20mV
5mV
Input overdrive:100mV
+5V
5.1kΩ
eI
eo
Output Saturation Voltage vs. Output Current
Output Sink Current (mA)
10
1
10
0
10
-1
10
-2
10
-3
10
-2
10
-1
10
0
10
1
10
2
TA=+125°С
TA=+25°С
TA=-40°С
Out of saturation
-
+


Similar Part No. - TS391_11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39101 TSC-TS39101 Datasheet
568Kb / 9P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39101CS TSC-TS39101CS Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS39101CS TSC-TS39101CS Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39101CS05 TSC-TS39101CS05 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS39101CS1.5 TSC-TS39101CS1.5 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS391_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
   Low-power single voltage comparator
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
   Low power single voltage comparator
Ver.00
logo
Unisonic Technologies
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
   LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331 UTC-UTL331 Datasheet
146Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
logo
ON Semiconductor
TS391 ONSEMI-TS391_V01 Datasheet
135Kb / 6P
   Low Power Single Voltage Comparator
October, 2017 - Rev. 5
TS391 ONSEMI-TS391 Datasheet
69Kb / 5P
   Low Power Single Voltage Comparator
December, 2015 ??Rev. 4
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391_06 Datasheet
115Kb / 7P
   Low Power Single Voltage Comparator
TS391 STMICROELECTRONICS-TS391_07 Datasheet
126Kb / 8P
   Low power single voltage comparator
logo
Unisonic Technologies
TS391 UTC-TS391_05 Datasheet
200Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391 Datasheet
132Kb / 6P
   LOW POWER SINGLE VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com