Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67101-H6773 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67101-H6773
Description  Joint Audio Decoder-Encoder - Multimode
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67101-H6773 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button Q67101-H6773 Datasheet HTML 2Page - Siemens Semiconductor Group Q67101-H6773 Datasheet HTML 3Page - Siemens Semiconductor Group Q67101-H6773 Datasheet HTML 4Page - Siemens Semiconductor Group Q67101-H6773 Datasheet HTML 5Page - Siemens Semiconductor Group Q67101-H6773 Datasheet HTML 6Page - Siemens Semiconductor Group Q67101-H6773 Datasheet HTML 7Page - Siemens Semiconductor Group Q67101-H6773 Datasheet HTML 8Page - Siemens Semiconductor Group Q67101-H6773 Datasheet HTML 9Page - Siemens Semiconductor Group Q67101-H6773 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 190 page
background image
PSB 7238
Introduction
Semiconductor Group
6
Data Sheet 1998-07-01
In a Videophone system using the 8
×8 (formerly IIT) VCP (Video Codec and Multimedia
Communications Processor) the Siemens PSB 7238 can work standalone without the
need of external initialization. The default configuration of the JADE is such, that no host
is needed in this case and the full communication is done between the VCP and the
Siemens PSB 7238.
The voice compression algorithms are implemented by an embedded 16-bit fixed point
Digital Signal Processor with all memories internal and no external memory needed.
Integration of these and other features, as well as perfectly matched interfaces with other
ICs allows for the implementation of highly optimized, low cost system solutions e.g. for
Videophones, Data-over-voice and Channel Multiplexing equipment.
For system integration, two serial HDLC/transparent data channels are implemented
which can be serviced by an attached host (or the on-chip DSP). System functions and
communication between the chip and an external controller is supported by a full-duplex
256-byte on-chip mailbox communication memory.
The circuit is offered in a Quad Flat Pack package with 100 pins (P-TQFP-100: size
14
× 14 mm, pitch 0.5 mm, height 1.4 mm).
Note: This Data Sheet gives a thorough description of the functions and hardware that
forms the base of PSB 7238. It includes information (e.g. External Memory
Interface) that is not needed for the PSB 7238 as a ready to use plug and play
G.728/G.723/G.722/G.711 audio compression device.


Similar Part No. - Q67101-H6773

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67101-H6773 SIEMENS-Q67101-H6773 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
More results

Similar Description - Q67101-H6773

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
   Joint Audio Decoder-Encoder
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
   Joint Audio Decoder-Encoder for Analog Videophone JADE AN
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com