Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U7SH32 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U7SH32
Description  2-INPUT OR GATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SH32 Datasheet(HTML) 4 Page - Unisonic Technologies

  U7SH32 Datasheet HTML 1Page - Unisonic Technologies U7SH32 Datasheet HTML 2Page - Unisonic Technologies U7SH32 Datasheet HTML 3Page - Unisonic Technologies U7SH32 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
U7SH32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-070.B
DYNAMIC CHARACTERISTICS (Input: tR, tF=3ns)
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25℃
-40~85℃
UNIT
MIN
TYP
MAX
MIN
MAX
Propagation Delay From Input
(A or B) to Output(Y)
tPLH
VCC=3.3±0.3, CL=15pF
5.5
7.9
1.0
9.5
ns
tPHL
5.5
7.9
1.0
9.5
tPLH
VCC=3.3±0.3, CL=50pF
8.0
11.4
1.0
13.0
tPHL
8.0
11.4
1.0
13.0
Propagation Delay From Input
(A or B) to Output(Y)
tPLH
VCC=5±0.5, CL=15pF
3.8
5.5
1.0
6.5
ns
tPHL
3.8
5.5
1.0
6.5
tPLH
VCC=5±0.5, CL=50pF
5.3
10
1.0
8.5
tPHL
5.3
10
1.0
8.5
Power Dissipation Capacitance
CPD
No load
15
pF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U7SH32

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7SH32 UTC-U7SH32 Datasheet
89Kb / 4P
   2-INPUT OR GATE
U7SH32-AF5-R UTC-U7SH32-AF5-R Datasheet
89Kb / 4P
   2-INPUT OR GATE
U7SH32-AL5-R UTC-U7SH32-AL5-R Datasheet
89Kb / 4P
   2-INPUT OR GATE
U7SH32G-AF5-R UTC-U7SH32G-AF5-R Datasheet
138Kb / 4P
   2-INPUT OR GATE
U7SH32G-AL5-R UTC-U7SH32G-AL5-R Datasheet
138Kb / 4P
   2-INPUT OR GATE
More results

Similar Description - U7SH32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com