Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74ACT14 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U74ACT14
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT14 Datasheet(HTML) 2 Page - Unisonic Technologies

  U74ACT14 Datasheet HTML 1Page - Unisonic Technologies U74ACT14 Datasheet HTML 2Page - Unisonic Technologies U74ACT14 Datasheet HTML 3Page - Unisonic Technologies U74ACT14 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
U74ACT14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-195.A
PIN CONFIGURATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
3Y
3A
2Y
2A
1Y
1A
4Y
4A
5Y
5A
6Y
6A
VCC
FUNCTIONAL DIAGRAM
FUNCTION TABLE
INPUT
OUTPUT
A
Y
L
H
H
L
LOGIC DIAGRAM (positive logic)
IEC logic symbol


Similar Part No. - U74ACT14

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT14G-D14-T UTC-U74ACT14G-D14-T Datasheet
179Kb / 4P
   HEX SCHMITT-TRIGGER INVERTERS
U74ACT14G-P14-R UTC-U74ACT14G-P14-R Datasheet
179Kb / 4P
   HEX SCHMITT-TRIGGER INVERTERS
U74ACT14G-S14-R UTC-U74ACT14G-S14-R Datasheet
179Kb / 4P
   HEX SCHMITT-TRIGGER INVERTERS
U74ACT14L-D14-T UTC-U74ACT14L-D14-T Datasheet
179Kb / 4P
   HEX SCHMITT-TRIGGER INVERTERS
U74ACT14 UTC-U74ACT14_15 Datasheet
179Kb / 4P
   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - U74ACT14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com